Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87608I Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ICS87608I
Description  LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS87608I Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ICS87608I Datasheet HTML 1Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS87608I Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
87608AYI
www.icst.com/products/hiperclocks.html
REV. B MARCH 11, 2005
3
Integrated
Circuit
Systems, Inc.
ICS87608I
LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X
ZERO DELAY CLOCK GENERATOR
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
C
N
I
e
c
n
a
t
i
c
a
p
a
C
t
u
p
n
I
4F
p
R
P
U
L
L
U
P
r
o
t
s
i
s
e
R
p
u
ll
u
P
t
u
p
n
I
1
5k
Ω
R
N
W
O
D
L
L
U
P
r
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
t
u
p
n
I
1
5k
Ω
C
D
P
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
1
E
T
O
N
;
)
t
u
p
t
u
o
r
e
p
(
V
D
D
V
,
A
D
D
V
,
X
O
D
D
V
5
6
4
.
3
=9
F
p
V
D
D
V
,
A
D
D
V
;
V
5
6
4
.
3
=
X
O
D
D
V
5
2
6
.
2
=1
1F
p
R
T
U
O
e
c
n
a
d
e
p
m
I
t
u
p
t
u
O
5
1
Ω
V
X
O
D
D
V
s
e
t
o
n
e
d
A
O
D
D
V
d
n
a
B
O
D
D
.
r
e
b
m
u
Ne
m
a
Ne
p
y
Tn
o
i
t
p
i
r
c
s
e
D
,
2
,
1
5
,
4
,
1
A
Q
,
0
A
Q
3
A
Q
,
2
A
Q
t
u
p
t
u
O
5
1
.
s
t
u
p
t
u
o
k
c
o
l
c
A
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
2
2
,
6
1
,
3D
N
Gr
e
w
o
P.
d
n
u
o
r
g
y
l
p
p
u
s
r
e
w
o
P
2
3
,
6V
A
O
D
D
r
e
w
o
P.
s
t
u
p
t
u
o
A
k
n
a
B
r
o
f
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
7R
Mt
u
p
n
In
w
o
d
ll
u
P
s
r
e
d
i
v
i
d
l
a
n
r
e
t
n
i
e
h
t
,
H
G
I
H
c
i
g
o
l
n
e
h
W
.
t
e
s
e
R
r
e
t
s
a
M
H
G
I
H
e
v
i
t
c
A
l
a
n
r
e
t
n
i
e
h
t
,
W
O
L
c
i
g
o
l
n
e
h
W
.
w
o
l
o
g
s
t
u
p
t
u
o
e
h
t
g
n
i
s
u
a
c
t
e
s
e
r
e
r
a
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
d
e
l
b
a
n
e
e
r
a
s
t
u
p
t
u
o
e
h
t
d
n
a
s
r
e
d
i
v
i
d
,
8
,
9
,
0
1
1
1
,
0
A
L
E
S
_
V
I
D
,
1
A
L
E
S
_
V
I
D
,
0
B
L
E
S
_
V
I
D
1
B
L
E
S
_
V
I
D
t
u
p
n
In
w
o
d
ll
u
P
.
3
e
l
b
a
T
n
i
d
e
b
i
r
c
s
e
d
s
a
s
t
u
p
t
u
o
k
c
o
l
c
r
o
f
e
u
l
a
v
e
d
i
v
i
d
s
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
,
2
1
3
1
,
0
L
E
S
_
V
I
D
B
F
1
L
E
S
_
V
I
D
B
F
t
u
p
n
In
w
o
d
ll
u
P
.
t
u
p
t
u
o
k
c
a
b
d
e
e
f
d
n
a
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
r
r
o
f
e
u
l
a
v
e
d
i
v
i
d
s
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
4
1V
D
D
r
e
w
o
P.
n
i
p
y
l
p
p
u
s
e
r
o
C
5
1N
I
_
B
Ft
u
p
n
In
w
o
d
ll
u
P
h
t
i
w
s
k
c
o
l
c
g
n
i
t
a
r
e
n
e
g
r
o
f
r
o
t
c
e
t
e
d
e
s
a
h
p
o
t
t
u
p
n
i
k
c
a
b
d
e
e
F
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
"
y
a
l
e
d
o
r
e
z
"
7
1T
U
O
_
B
Ft
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
N
I
_
B
F
o
t
t
c
e
n
n
o
C
.
t
u
p
t
u
o
k
c
a
b
d
e
e
F
8
1T
U
O
_
F
E
Rt
u
p
t
u
O
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
t
u
o
k
c
o
l
c
e
c
n
e
r
e
f
e
R
5
2
,
9
1V
B
O
D
D
r
e
w
o
P
.
s
t
u
p
t
u
o
T
U
O
_
B
F
,
T
U
O
_
F
E
R
d
n
a
B
k
n
a
B
r
o
f
s
n
i
p
y
l
p
p
u
s
t
u
p
t
u
O
,
1
2
,
0
2
4
2
,
3
2
,
2
B
Q
,
3
B
Q
0
B
Q
,
1
B
Q
t
u
p
t
u
O
5
1
.
s
t
u
p
t
u
o
k
c
o
l
c
B
k
n
a
B
Ω
.
e
c
n
a
d
e
p
m
i
t
u
p
t
u
o
l
a
c
i
p
y
t
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
6
2L
E
S
_
L
L
Pt
u
p
n
Ip
u
ll
u
P
.
L
L
P
s
t
c
e
l
e
s
,
H
G
I
H
n
e
h
W
.
e
d
o
m
s
s
a
p
y
b
d
n
a
L
L
P
n
e
e
w
t
e
b
s
t
c
e
l
e
S
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
k
c
o
l
c
e
c
n
e
r
e
f
e
r
s
t
c
e
l
e
s
,
W
O
L
n
e
h
W
7
2V
A
D
D
r
e
w
o
P.
g
n
i
r
e
t
li
f
r
o
f
e
t
o
N
s
n
o
i
t
a
c
il
p
p
A
e
e
S
.
n
i
p
y
l
p
p
u
s
g
o
l
a
n
A
8
2L
E
S
_
L
A
T
Xt
u
p
n
Ip
u
ll
u
P
L
L
P
e
h
t
s
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
r
o
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
c
n
e
e
w
t
e
b
s
t
c
e
l
e
S
N
I
_
F
E
R
s
t
c
e
l
e
S
.
H
G
I
H
n
e
h
w
s
t
u
p
n
i
L
A
T
X
s
t
c
e
l
e
S
.
e
c
r
u
o
s
e
c
n
e
r
e
f
e
r
.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
W
O
L
n
e
h
w
0
3
,
9
2
,
1
L
A
T
X
2
L
A
T
X
t
u
p
n
I
.
t
u
p
t
u
o
e
h
t
s
i
2
L
A
T
X
.
t
u
p
n
i
e
h
t
s
i
1
L
A
T
X
.
e
c
a
f
r
e
t
n
i
r
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
C
1
3N
I
_
F
E
Rt
u
p
n
In
w
o
d
ll
u
P.
s
l
e
v
e
l
e
c
a
f
r
e
t
n
i
L
T
T
V
L
/
S
O
M
C
V
L
.
t
u
p
n
i
k
c
o
l
c
e
c
n
e
r
e
f
e
R
:
E
T
O
N
p
u
ll
u
P
d
n
a
n
w
o
d
ll
u
P
.
s
e
u
l
a
v
l
a
c
i
p
y
t
r
o
f
,
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
n
i
P
,
2
e
l
b
a
T
e
e
S
.
s
r
o
t
s
i
s
e
r
t
u
p
n
i
l
a
n
r
e
t
n
i
o
t
r
e
f
e
r



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com