Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS87608AYIT Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ICS87608AYIT
Description  LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X ZERO DELAY CLOCK GENERATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS87608AYIT Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ICS87608AYIT Datasheet HTML 2Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 3Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 4Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 5Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 6Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 7Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 8Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 9Page - List of Unclassifed Manufacturers ICS87608AYIT Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
87608AYI
www.icst.com/products/hiperclocks.html
REV. B MARCH 11, 2005
6
Integrated
Circuit
Systems, Inc.
ICS87608I
LOW VOLTAGE/LOW SKEW, 1:8 PCI/PCI-X
ZERO DELAY CLOCK GENERATOR
TABLE 7A. AC CHARACTERISTICS, V
DD = VDDA = VDDOX = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
7
6
.
6
6
1z
H
M
)
Ø
(
t1
E
T
O
N
;
t
e
s
f
f
O
e
s
a
h
P
c
i
t
a
t
Sz
H
M
5
2
=
F
E
R
F0
0
6
15
2
3s
p
t
)
b
(
k
s6
,
2
E
T
O
N
;
w
e
k
S
k
n
a
B
0
6s
p
t
)
o
(
k
s6
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
5
2s
p
t
)
c
c
(
t
ij6
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
0
2
1s
p
t
)
r
e
p
(
t
ij7
,
6
,
4
E
T
O
N
;
S
M
R
,
r
e
t
t
i
J
d
o
i
r
e
P
0
2s
p
t
)
o
(
l
se
t
a
R
w
e
l
S
14
s
n
/
v
t
L
e
m
i
T
k
c
o
L
L
L
P
0
1s
m
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
20
0
7s
p
c
d
o5
E
T
O
N
;
e
l
c
y
C
y
t
u
D
t
u
p
t
u
O
8
42
5%
.
d
e
t
o
n
e
s
i
w
r
e
h
t
o
s
s
e
l
n
u
2
1
y
b
V
I
D
o
t
t
e
s
s
r
e
d
i
v
i
d
t
u
p
t
u
o
d
n
a
k
c
a
b
d
e
e
f
h
t
i
w
d
e
r
u
s
a
e
m
s
r
e
t
e
m
a
r
a
p
ll
A
e
h
t
n
e
h
w
l
a
n
g
i
s
t
u
p
n
i
k
c
a
b
d
e
e
f
e
g
a
r
e
v
a
e
h
t
d
n
a
k
c
o
l
c
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
n
e
e
w
t
e
b
e
c
n
e
r
e
f
f
i
d
e
m
i
t
e
h
t
s
a
d
e
n
i
f
e
D
:
1
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
.
e
l
b
a
t
s
s
i
y
c
n
e
u
q
e
r
f
e
c
n
e
r
e
f
e
r
t
u
p
n
i
e
h
t
d
n
a
d
e
k
c
o
l
s
i
L
L
P
D
D
.
2
/
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
s
e
g
a
t
l
o
v
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
f
o
k
n
a
b
a
n
i
h
t
i
w
w
e
k
s
s
a
d
e
n
i
f
e
D
:
2
E
T
O
N
.
s
n
o
i
t
i
d
n
o
c
d
a
o
l
l
a
u
q
e
h
t
i
w
d
n
a
e
g
a
t
l
o
v
y
l
p
p
u
s
e
m
a
s
e
h
t
t
a
s
t
u
p
t
u
o
n
e
e
w
t
e
b
w
e
k
s
s
a
d
e
n
i
f
e
D
:
3
E
T
O
N
V
t
a
d
e
r
u
s
a
e
M
X
O
D
D
.
2
/
.
s
t
u
p
n
i
S
O
M
C
V
L
g
n
i
s
u
e
c
n
a
m
r
o
f
r
e
p
r
e
t
t
i
J
:
4
E
T
O
N
.
e
t
o
N
n
o
i
t
a
c
il
p
p
A
o
t
r
e
f
e
r
,
t
u
p
n
i
L
A
T
X
r
o
F
.
N
I
_
F
E
R
g
n
i
s
u
d
e
r
u
s
a
e
M
:
5
E
T
O
N
.
5
6
d
r
a
d
n
a
t
S
C
E
D
E
J
h
t
i
w
e
c
n
a
d
r
o
c
c
a
n
i
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
6
E
T
O
N
.
e
u
l
a
v
S
M
R
n
a
s
a
d
e
n
i
f
e
d
s
i
r
e
t
e
m
a
r
a
p
s
i
h
T
:
7
E
T
O
N
TABLE 7B. AC CHARACTERISTICS, V
DD = VDDA = 3.3V±5%, VDDOX = 2.5V±5%, T
A
= -40°C TO 85°C
r
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
n
o
i
t
a
ll
i
c
s
O
f
o
e
d
o
M
l
a
t
n
e
m
a
d
n
u
F
y
c
n
e
u
q
e
r
F
0
18
3z
H
M
)
R
S
E
(
e
c
n
a
t
s
i
s
e
R
s
e
i
r
e
S
t
n
e
l
a
v
i
u
q
E
0
5
Ω
e
c
n
a
t
i
c
a
p
a
C
t
n
u
h
S
7F
p
TABLE 5. CRYSTAL CHARACTERISTICS
TABLE 6. PLL INPUT REFERENCE CHARACTERISTICS, V
DD = VDDA = VDDOX = 3.3V±5%, T
A
= -40°C TO 85°C
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
F
E
R
y
c
n
e
u
q
e
r
F
e
c
n
e
r
e
f
e
R
3
3
.
87
6
.
1
4z
H
M
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
i
t
i
d
n
o
C
t
s
e
Tm
u
m
i
n
i
Ml
a
c
i
p
y
Tm
u
m
i
x
a
Ms
t
i
n
U
f
X
A
M
y
c
n
e
u
q
e
r
F
t
u
p
t
u
O
7
6
.
6
6
1z
H
M
)
Ø
(
t1
E
T
O
N
;
t
e
s
f
f
O
e
s
a
h
P
c
i
t
a
t
Sz
H
M
5
2
=
F
E
R
F5
6
3
-5
0
1
-0
6
1s
p
t
)
b
(
k
s6
,
2
E
T
O
N
;
w
e
k
S
k
n
a
B
0
6s
p
t
)
o
(
k
s6
,
3
E
T
O
N
;
w
e
k
S
t
u
p
t
u
O
0
5
2s
p
t
)
c
c
(
t
ij6
;
r
e
t
t
i
J
e
l
c
y
C
-
o
t
-
e
l
c
y
C
0
7
1s
p
t
)
r
e
p
(
t
ij7
,
6
,
4
E
T
O
N
;
S
M
R
,
r
e
t
t
i
J
d
o
i
r
e
P
0
2s
p
t
)
o
(
l
se
t
a
R
w
e
l
S
14
s
n
/
v
t
L
e
m
i
T
k
c
o
L
L
L
P
0
1s
m
t
R
t
/
F
e
m
i
T
ll
a
F
/
e
s
i
R
t
u
p
t
u
O%
0
8
o
t
%
0
20
0
20
0
7s
p
c
d
o5
E
T
O
N
;
e
l
c
y
C
y
t
u
D
t
u
p
t
u
O
8
42
5%
.
s
e
t
o
n
r
o
f
A
7
e
l
b
a
T
e
e
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com