Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFFM102 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PFFM102
Description  SURFACE MOUNT GLASS PASSIVATED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PFFM102 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PFFM102 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PFFM102 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
SMA/DO-214AC
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.066 gram
* Epoxy : Device has UL flammability classification 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PFFM101 THRU PFFM107
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTES : 1. Measured at 1.0 MHz and applied average voltage of 4.0VDC
2. Thermal resistance junction to terminal 6.0mm2 copper pads to each terminal.
3. Thermal resistance junction to ambient, 6.0mm2 copper pads to each terminal.
4. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Amps
1.0
30
70
-65 to + 175
0 C/ W
pF
0 C
UNITS
Volts
Volts
Maximum Thermal Resistance
(Note 2) R
θJL
PFFM101
PFFM103
PFFM102
PFFM104
PFFM106
PFFM105
PFFM107
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
30
Volts
Amps
15
0 C/ W
(Note 3) R
θJA
CHARACTERISTICS
Maximum Reverse Recovery Time (Note 4)
VF
SYMBOL
IR
trr
1.3
50
100
uAmps
uAmps
nSec
Maximum Full Load Reverse Current,Full cycle Average at TA = 25
oC
Maximum Forward Voltage at 1.0A DC
Volts
UNITS
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 25
oC
@TA = 125
oC
PFFM101
PFFM103
PFFM102
PFFM104
PFFM106
PFFM105
PFFM107
5.0
150
250
500
uAmps
MECHANICAL DATA
*
*
.181(4.60)
.160(4.06)
.110(2.79)
.086(2.18)
.067(1.70)
.051(1.29)
.208(5.28)
.188(4.80)
.091(2.31)
.067(1.70)
.012(.305)
.006(.152)
.059(1.50)
.035(0.89)
.008
(.203)
Max.
1
www.paceleader.tw
FAST RECOVERY SILICON RECTIFIER
SURFACE MOUNT GLASS PASSIVATED
VOLTAGE RANGE 50 to 1000 Volts
CURRENT 1.0 Ampere
Marking Code:F1~F7
RoHS product for packing code suffix "G",
Halogen free product for packing code suffix "H".


Similar Part No. - PFFM102

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PFFM102-M PACELEADER-PFFM102-M Datasheet
537Kb / 3P
1.0A Surface Mount Fast Recovery Rectifiers -50V - 1000V
More results

Similar Description - PFFM102

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ZGL41-100 GE-ZGL41-100 Datasheet
40Kb / 2P
SURFACE MOUNT GLASS PASSIVATED ZENER
logo
Chenmko Enterprise Co. ...
HBM21PT CHENMKO-HBM21PT Datasheet
215Kb / 2P
SURFACE MOUNT GLASS PASSIVATED
logo
Vishay Siliconix
S1M-E3-61T VISHAY-S1M-E3-61T Datasheet
83Kb / 4P
Surface Mount Glass Passivated Rectifier
11-Dec-12
S2M-E3-52T VISHAY-S2M-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
S2G-E3-52T VISHAY-S2G-E3-52T Datasheet
86Kb / 4P
Surface Mount Glass Passivated Rectifier
22-Mar-12
logo
Leshan Radio Company
FFM101 LRC-FFM101_15 Datasheet
178Kb / 4P
Surface Mount Glass Passivated
FM4937 LRC-FM4937_15 Datasheet
272Kb / 4P
Surface Mount Glass Passivated
HFM102 LRC-HFM102_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated
HFM103 LRC-HFM103_15 Datasheet
179Kb / 4P
Surface Mount Glass Passivated
logo
HY ELECTRONIC CORP.
MSB20A HY-MSB20A Datasheet
154Kb / 3P
GLASS PASSIVATED SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com