Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFFM203 Datasheet(PDF) 1 Page - PACELEADER INDUSTRIAL

Part # PFFM203
Description  2.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PFFM203 Datasheet(HTML) 1 Page - PACELEADER INDUSTRIAL

  PFFM203 Datasheet HTML 1Page - PACELEADER INDUSTRIAL PFFM203 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Glass passivated device
* Ideal for surface mounted applications
SMB/DO-214AA
* Low leakage current
* Metallurgically bonded construction
* Mounting position: Any
* Weight: 0.095 grams (approximate)
* Epoxy : Device has UL flammability classification 94V-0
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MAXIMUM RATINGS
(At TA = 25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS
(At TA = 25oC unless otherwise noted)
NOTES : 1. Measured at 1.0 MHz and applied average voltage of 4.0VDC
2. Thermal resistance junction to terminal 6.0mm 2 copper pads to each terminal.
3. Thermal resistance junction to ambient, 6.0mm 2 copper pads to each terminal.
4. Test Conditions: IF = 0.5A, IR = -1.0A, IRR = -0.25A
Dimensions in inches and (millimeters)
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
CJ
TJ, TSTG
VRMS
Amps
2.0
50
80
-65 to + 150
0
C/ W
pF
0
C
UNITS
Volts
Volts
Maximum Thermal Resistance
(Note 2) RθJL
PFFM201
PFFM203
PFFM202
PFFM204
PFFM206
PFFM205
PFFM207
50
100
200
400
600
800
1000
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
30
Volts
Amps
20
0
C/ W
(Note 3) RθJA
CHARACTERISTICS
Maximum Reverse Recovery Time (Note 4)
VF
SYMBOL
IR
trr
1.3
50
100
uAmps
uAmps
nSec
Maximum Full Load Reverse Current,Full cycle Average at TA=50
oC
Maximum Forward Voltage at 2.0A DC
Volts
UNITS
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 25oC
@TA = 100oC
PFFM201
PFFM203
PFFM202
PFFM204
PFFM206
PFFM205
PFFM207
5.0
150
250
500
uAmps
MECHANICAL DATA
.191(4.85)
.160(4.06)
.115(3.94)
.130(3.30)
.086(2.20)
.075(1.91)
.220(5.59)
.199(5.05)
.096(2.44)
.083(2.13)
.012(0.30)
.006(0.15)
.060(1.52)
.029(0.75)
.008(2.03)
.001(0.02)
* Case: DO-214AA/SMB Molded plastic
*
*
*
PFFM201 THRU PFFM207
1
www.paceleader.tw
2.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
ES2A-L
THRU
ES2J-L
2 Amp Super Fast
Recovery Rectifier
50 to 600 Volts
MaximumRatings
•
Operating Temperature: -65
to +1
75
•
Storage Temperature: -65
to +1
75
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
ES
2A-L
50V
35V
50V
ES
2B-L
100V
70V
100V
ES
2D-L
200V
140V
200V
ES
2G-L
400V
280V
400V
ES
2J-L
600V
420V
600V
ElectricalCharacteristics@25°CUnlessOtherwiseSpecified
Average Forward
Current
IF(AV)
2.0A
TL= 110
Peak Forward Surge
Current
IFSM
50A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
ES
2A-L-ES2D-L
ES
2G-L
ES
2J-L
VF
.95V
1.25V
1.70V
IFM = 2.0A;TJ=25
oC
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
1mA
TA = 25
TA = 100
Maximum Reverse
Recovery Time
Trr
35ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
          
          
          
          
          
          
 omponents
2
0736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision:
D
20
12/05/25
DO-214AC
(SMA) (LEAD FRAME)
H
J
E
F
G
A
B
D
C
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Super fast switching speed under 35ns
Marking : Cathode band and type number (No '-L' Suffix)
Features
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
ES
2J-L
.975V(Typ) IFM = 2.0A;TJ=150
oC
1.25V(Max)
Pb-Free package is available
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
Marking code: 2F1~2F7
Polarity: Color band denotes cathode end


Similar Part No. - PFFM203

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
PFFM203LS PACELEADER-PFFM203LS Datasheet
437Kb / 3P
2.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
More results

Similar Description - PFFM203

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SFM11-M WILLAS-SFM11-M Datasheet
896Kb / 4P
1.0A SUFRACE MOUNT SUPER FAST RECTIFIERS - 50-600V
UFM101-M WILLAS-UFM101-M Datasheet
315Kb / 4P
1.0A SUFRACE MOUNT EFFICIENT FAST RECTIFIERS-50-600V
FFM101L WILLAS-FFM101L Datasheet
1,016Kb / 4P
1.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
FFM201 WILLAS-FFM201 Datasheet
986Kb / 2P
2.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
FFM201LS WILLAS-FFM201LS Datasheet
356Kb / 3P
2.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
FFM301 WILLAS-FFM301 Datasheet
1,014Kb / 2P
3.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
FFM301L WILLAS-FFM301L Datasheet
581Kb / 4P
3.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
logo
PACELEADER INDUSTRIAL
PFFM201LS PACELEADER-PFFM201LS Datasheet
437Kb / 3P
2.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
PFFM301 PACELEADER-PFFM301 Datasheet
1Mb / 2P
3.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
logo
Shenzhen Foster Semicon...
FFM101AG FOSTER-FFM101AG Datasheet
1Mb / 2P
1.0A Surface Mount Fast Recovery Rectifiers-50-1000V
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com