Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFFM205LS Datasheet(PDF) 3 Page - PACELEADER INDUSTRIAL

Part # PFFM205LS
Description  2.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

PFFM205LS Datasheet(HTML) 3 Page - PACELEADER INDUSTRIAL

  PFFM205LS Datasheet HTML 1Page - PACELEADER INDUSTRIAL PFFM205LS Datasheet HTML 2Page - PACELEADER INDUSTRIAL PFFM205LS Datasheet HTML 3Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Pinning information
1
2
2
1
Pin1
cathode
Pin2
anode
Pin
Symbol
Marking
Type number
Marking code
PFFM201LS
F21
PFFM202LS
F22
PFFM203LS
F23
PFFM204LS
F24
PFFM205LS
F25
PFFM206LS
F26
PFFM207LS
F27
Suggested solder pad layout
Dimensions in inches and (millimeters)
A
C
B
B
0.063 (1.60)
A
0.110 (2.80)
C
0.087 (2.20)
PACKAGE
SMA-LS
3
www.paceleader.tw
PFFM201LS THRU PFFM207LS
2.0A SUFRACE MOUNT FAST RECOVERY RECTIFIERS-50-1000V
Simplidied outline



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com