Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2B1 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HZ2B1
Description  Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZ2B1 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HZ2B1 Datasheet HTML 1Page - Renesas Technology Corp HZ2B1 Datasheet HTML 2Page - Renesas Technology Corp HZ2B1 Datasheet HTML 3Page - Renesas Technology Corp HZ2B1 Datasheet HTML 4Page - Renesas Technology Corp HZ2B1 Datasheet HTML 5Page - Renesas Technology Corp HZ2B1 Datasheet HTML 6Page - Renesas Technology Corp HZ2B1 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HZ Series
Rev.3.00, Mar.11.2004, page 5 of 6
Main Characteristic
5
10152025303540
0
0
5
10 15 20 25 30 35 40
50
40
30
20
10
0
mV/
°C
500
400
300
200
100
200
150
100
50
0
0
2.5 mm
3 mm
Printed circuit board
100 180 1.6t mm
Material: paper phenol
×
×
5mm
10
–5
10
–6
10
–4
10
–3
10
–2
10
–7
10
–8
Fig.1 Zener current vs. Zener voltage
Zener Voltage VZ (V)
Fig.3 Power Dissipation vs. Ambient Temperature
Ambient Temperature Ta (
°C)
−10
−20
−30
−40
−50
%/
°C
0.10
0.08
0.06
0.04
0.02
−0.02
−0.04
−0.06
−0.08
−0.10
0
Fig.2 Temperature Coefficient vs. Zener voltage
Zener Voltage VZ (V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com