Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30130-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30130-R1A
Description  4G / LTE Indoor Directional Panel Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30130-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30130-R1A Datasheet HTML 1Page - World Produts Inc. WPANT30130-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
May 10, 2016
Page | 1
WPANT30130
4G / LTE Indoor Directional Panel Antenna
WPANT30130-R1A
Type-N Female (Two connectors)
Note: Different cable and connector style requests can be accommodated.
Application
Dual-polarized Directional Panel antenna. It is an excellent choice for Mini, Pico and Femto cells.
We specialize in developing customized Antenna solutions. Please contact sales@worldproducts.com with your requirements.
Electrical Properties
Operating Frequency
698 – 960 MHz
1710 – 2700 MHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR (Typical)
< 2:1
< 2:1
Peak Gain [dBi] (Typical)
7 dBi
9 dBi
Polarization
± 45°
± 45°
Pattern
Directional
Directional
Isolation [dB]
23 dB
PIM3 [dBc]
≤ -140 dBc
Mechanical / Environmental Properties
Antenna Dimensions
12.4’’ x 7.9’’ x 2.9’’
(315mm x 200mm x 73mm)
Antenna Color
White
Antenna Radome
ABS
Mounting
Wall mount with back 2-hole
Operating / Storage Temperature
-40
oC to +90oC
Environmental class
Indoor
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30130-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30134 WPI-WPANT30134 Datasheet
100Kb / 2P
3G Cellular Mag-mount Omni-directional Antenna
WPANT30134-R1A WPI-WPANT30134-R1A Datasheet
100Kb / 2P
3G Cellular Mag-mount Omni-directional Antenna
WPANT30136 WPI-WPANT30136 Datasheet
110Kb / 2P
3G Cellular, Wi-Fi and GPS Combo Antenna
WPANT30136-S1A WPI-WPANT30136-S1A Datasheet
110Kb / 2P
3G Cellular, Wi-Fi and GPS Combo Antenna
More results

Similar Description - WPANT30130-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30043-RA WPI-WPANT30043-RA Datasheet
125Kb / 2P
3G / 4G Penta-band Directional Panel Antenna
WPANT30078-R1A WPI-WPANT30078-R1A Datasheet
465Kb / 6P
4G Cellular Panel Antenna
WPANT30043-RA WPI-WPANT30043-RA_15 Datasheet
120Kb / 2P
3G / 4G Penta-band Directional Panel Antenna
logo
Abracon Corporation
ACAR3705-S698 ABRACON-ACAR3705-S698 Datasheet
1Mb / 9P
4G/LTE Ceramic Chip Antenna
11.09.2018
ACAR4008-S698 ABRACON-ACAR4008-S698 Datasheet
862Kb / 9P
4G/LTE Ceramic Chip Antenna
06.03.2019
AEACAC198013-S698 ABRACON-AEACAC198013-S698 Datasheet
1Mb / 4P
4G/LTE External Antenna
04.10.2020
logo
Maxtena Inc.
MEA-2700-UWB-SM MAXTENA-MEA-2700-UWB-SM Datasheet
825Kb / 4P
4G/LTE/CELLULAR/CDMA ANTENNA
REV A
logo
PCTEL, Inc.
BMLPVMB-LTE PCTEL-BMLPVMB-LTE Datasheet
145Kb / 1P
BMLPVMB/LTE Low-Profile 4G LTE Antenna
logo
Suzhou Maswell Communic...
AN_MASTER_001-4 MASWELL-AN_MASTER_001-4 Datasheet
1Mb / 14P
Maswell 5G/4G/LTE GNSS Panel MIMO Combo Antenna
AN_GSM_201_MIMO MASWELL-AN_GSM_201_MIMO Datasheet
511Kb / 3P
4G LTE MIMO High Gain Panel Antenna 700 2700MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com