Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30134-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30134-R1A
Description  3G Cellular Mag-mount Omni-directional Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30134-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30134-R1A Datasheet HTML 1Page - World Produts Inc. WPANT30134-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
May 10, 2016
Page | 1
WPANT30134
3G Cellular Mag-mount Omni-directional Antenna
WPANT30134-R1A
3 meters RG174 with TNC Male connector
Note: Different cable and connector style requests can be accommodated.
Application
Mag-mount Omni-directional antenna for automobile applications.
We specialize in developing customized Antenna solutions. Please contact sales@worldproducts.com with your requirements.
Electrical Properties
Operating Frequency
824 – 960 MHz
1710 – 2170 MHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR (Typical)
< 2:1
< 2:1
Peak Gain [dBi] (Typical)
6 dBi
6 dBi
Polarization
Linear (Vertical)
Linear (Vertical)
Pattern
Omni-directional
Omni-directional
Mechanical / Environmental Properties
Antenna Dimensions
11.6’’ Height x 2.7’’ Base dia
(295mm x 68.8mm)
Antenna Color
Black
Operating / Storage Temperature
-40
oC to +90oC
Environmental class
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30134-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30130 WPI-WPANT30130 Datasheet
66Kb / 2P
4G / LTE Indoor Directional Panel Antenna
WPANT30130-R1A WPI-WPANT30130-R1A Datasheet
66Kb / 2P
4G / LTE Indoor Directional Panel Antenna
WPANT30136 WPI-WPANT30136 Datasheet
110Kb / 2P
3G Cellular, Wi-Fi and GPS Combo Antenna
WPANT30136-S1A WPI-WPANT30136-S1A Datasheet
110Kb / 2P
3G Cellular, Wi-Fi and GPS Combo Antenna
More results

Similar Description - WPANT30134-R1A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMB891203F21 ETC2-OMB891203F21 Datasheet
523Kb / 11P
3 dBi Penta-band Cellular Indoor/Outdoor Omni-Directional Antenna
logo
World Produts Inc.
WPANT30004-SB2 WPI-WPANT30004-SB2 Datasheet
274Kb / 4P
Surface Independent 3G Cellular & ISM band Omni Antenna
WPANT30070-S1A WPI-WPANT30070-S1A Datasheet
226Kb / 3P
3G Cellular & ISM band Body-mount Antenna
logo
Pulse A Technitrol Comp...
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
logo
World Produts Inc.
WPANT10023 WPI-WPANT10023 Datasheet
98Kb / 2P
3G Cellular Embedded Antenna
WPANT10024 WPI-WPANT10024 Datasheet
198Kb / 3P
3G Cellular Embedded Antenna
WPANT30004-SB2 WPI-WPANT30004-SB2_15 Datasheet
272Kb / 4P
Surface Independent 3G Cellular & ISM band Omni Antenna
logo
Maxtena Inc.
MEA-960-LTE MAXTENA-MEA-960-LTE Datasheet
617Kb / 4P
OMNI-DIRECTIONAL ANTENNA
REV A
MEA-2700-WIFI MAXTENA-MEA-2700-WIFI Datasheet
1Mb / 4P
Omni Fiberglass Wi/Cellular Antenna
REV A
MEA-UWB-LTE-90 MAXTENA-MEA-UWB-LTE-90 Datasheet
1Mb / 5P
OMNI-DIRECTIONAL ANTENNA
REV A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com