Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30148-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30148-R1A
Description  900 MHz ISM Band Whip / Stubby Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30148-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30148-R1A Datasheet HTML 1Page - World Produts Inc. WPANT30148-R1A Datasheet HTML 2Page - World Produts Inc. WPANT30148-R1A Datasheet HTML 3Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev: 2.0
June 6, 2016
Page | 1
WPANT30148
900 MHz ISM Band Whip / Stubby Antenna
WPANT30148-R1A
Right Angle MMCX Plug with panel
adapter.
Note: Different cable and connector style requests can be accommodated.
Application
This ISM band antenna is ideal for any machine to machine application. It has an omnidirectional radiation pattern.
We specialize in developing customized Antenna solutions. Please contact sales@worldproducts.com with your requirements.
Electrical Properties
Operating Frequency Bands
900 – 930 MHz
2400 – 2500 MHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR (Typical)
< 2:1
< 2:1
Peak Gain [dBi] (Typical)
2 dBi
2 dBi
Efficiency [%] (Typical)
75 %
75 %
Polarization
Linear
Linear
Pattern
Omni-directional
Omni-directional
Power Handling Ability
20 Watts
20 Watts
Mechanical / Environmental Properties
Antenna Dimensions
8” Height x 0.5’’ Base diameter
(192mm x 13mm)
Antenna Color
Black
Operating / Storage Temperature
-40
oC to +90oC
Lightning Protection
DC Ground
Environmental
Meets standards for UL 94V-0


Similar Part No. - WPANT30148-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30140 WPI-WPANT30140 Datasheet
225Kb / 4P
ISM Body Mount Vandal Proof Antenna
WPANT30140-S1A WPI-WPANT30140-S1A Datasheet
225Kb / 4P
ISM Body Mount Vandal Proof Antenna
WPANT30140-S3A WPI-WPANT30140-S3A Datasheet
225Kb / 4P
ISM Body Mount Vandal Proof Antenna
WPANT30140-S4A WPI-WPANT30140-S4A Datasheet
225Kb / 4P
ISM Body Mount Vandal Proof Antenna
WPANT30142 WPI-WPANT30142 Datasheet
83Kb / 2P
4G / 3G / ISM Body-mount Antenna
More results

Similar Description - WPANT30148-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
900 MHz ISM band Omni-directional Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
900 MHz ISM band Omni-Directional Antenna
WPANTDP036 WPI-WPANTDP036 Datasheet
864Kb / 8P
WPANTDP036 Antenna is a 915 MHz ISM band Omni Directional Stubby Antenna
WPANTDP092-R1A WPI-WPANTDP092-R1A Datasheet
68Kb / 2P
900 MHz ISM band Directional Panel Antenna
logo
Pulse A Technitrol Comp...
W3012 PULSE-W3012 Datasheet
1Mb / 5P
ISM 900 MHz Ceramic Antenna
logo
World Produts Inc.
WPANT10058 WPI-WPANT10058 Datasheet
100Kb / 2P
ISM 900 MHz Miniature Antenna
WPANT10071 WPI-WPANT10071 Datasheet
285Kb / 5P
900 MHz ISM band Stamped Metal Embedded Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
900 MHz ISM band Omni-directional Antenna
WPANT30147 WPI-WPANT30147 Datasheet
64Kb / 2P
ISM Dual Band Whip / Stubby Antenna
WPANT30157 WPI-WPANT30157 Datasheet
78Kb / 2P
Dual-band ISM Stubby Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com