Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30156-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30156-R1A
Description  4G / LTE Cellular Blade Stubby Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30156-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30156-R1A Datasheet HTML 1Page - World Produts Inc. WPANT30156-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 3.0
June 7, 2016
Page | 1
WPANT30156
4G / LTE Cellular Blade Stubby Antenna
WPANT30156-R1A
SMA Male connector
WPANT30156-R2A
White color antenna; SMA Male connector
Note: Different cable and connector style requests can be accommodated.
Application
This plug and play compact Omni-directional antenna is a very convenient solution to transmit or receive cellular signals.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further assist to
trouble shoot system integration issues such as TRP/TIS and FCC requirements. We specialize in developing customized Antenna
solutions. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
698 – 960 MHz
1710 – 2700 MHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR (Typical)
< 2:1
< 2:1
Peak Gain [dBi] (Typical)
1 dBi
3 dBi
Polarization
Linear (Vertical)
Linear (Vertical)
Pattern
Omni Directional
Omni Directional
Mechanical / Environmental Properties
Antenna Dimensions
6.7’’ Height x 0.51’’ Base dia
(170mm x 13mm)
Operating / Storage Temperature
-40
oC to +125oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30156-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30150 WPI-WPANT30150 Datasheet
112Kb / 3P
2.4 GHz Wi-Fi Omni-directional Antenna
WPANT30150-S1A WPI-WPANT30150-S1A Datasheet
112Kb / 3P
2.4 GHz Wi-Fi Omni-directional Antenna
WPANT30155 WPI-WPANT30155 Datasheet
90Kb / 2P
ISM & GPS Body Mount Vandal Proof Antenna
WPANT30155-S1A WPI-WPANT30155-S1A Datasheet
90Kb / 2P
ISM & GPS Body Mount Vandal Proof Antenna
WPANT30157 WPI-WPANT30157 Datasheet
78Kb / 2P
Dual-band ISM Stubby Antenna
More results

Similar Description - WPANT30156-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30078-R1A WPI-WPANT30078-R1A Datasheet
465Kb / 6P
4G Cellular Panel Antenna
logo
Taoglas antenna solutio...
PCS06A TAOGLAS-PCS06A Datasheet
1Mb / 21P
havok - Low Profile LTE/Cellular 4g SMD Dielectric Antenna
logo
World Produts Inc.
WPANT10083 WPI-WPANT10083 Datasheet
99Kb / 2P
4G / LTE Cellular SMT Embedded Antenna
WPANT10084 WPI-WPANT10084 Datasheet
56Kb / 2P
4G / LTE Cellular SMT Embedded Antenna
WPANT30201 WPI-WPANT30201 Datasheet
184Kb / 2P
Body-mount Antenna ??4G LTE Cellular
WPANT30202 WPI-WPANT30202 Datasheet
86Kb / 2P
Body-mount Antenna ??4G LTE Cellular
WPANT40021 WPI-WPANT40021 Datasheet
130Kb / 2P
Flexible 4G / LTE Cellular Antenna for Smart Meters
WPANT40028 WPI-WPANT40028 Datasheet
97Kb / 2P
Flexible 4G / LTE Cellular Antenna for Smart Meters
logo
TE Connectivity Ltd
951012-XXX TEC-951012-XXX Datasheet
590Kb / 2P
CELLULAR (2G/3G) Stubby Antenna
logo
Maxtena Inc.
MEA-2700-UWB-SM MAXTENA-MEA-2700-UWB-SM Datasheet
825Kb / 4P
4G/LTE/CELLULAR/CDMA ANTENNA
REV A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com