Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WPANT30157-R1A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30157-R1A
Description  Dual-band ISM Stubby Antenna
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30157-R1A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30157-R1A Datasheet HTML 1Page - World Produts Inc. WPANT30157-R1A Datasheet HTML 2Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rev: 1.0
March 01, 2016
Page | 1
WPANT30157
Dual-band ISM Stubby Antenna
WPANT30157-R1A
Reverse-polarity SMA Male connector
Note: Different cable and connector style requests can be accommodated.
Application
Compact Omni-directional stubby antenna with swivel mechanism.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further assist to
trouble shoot system integration issues such as TRP/TIS and FCC requirements. We specialize in developing customized Antenna
solutions. Please contact sales@worldproducts.com with your specific application requirements.
Electrical Properties
Operating Frequency
900 – 930 MHz
2.4 – 2.5 GHz
Approximate Antenna Impedance [
Ω]
50Ω
50Ω
VSWR (Typical)
< 2:1
< 2:1
Peak Gain [dBi] (Typical)
2 dBi
3 dBi
Polarization
Linear (Vertical)
Linear (Vertical)
Pattern
Omni Directional
Omni Directional
Mechanical / Environmental Properties
Antenna Dimensions
4.5’’ Height x 0.37’’ Base dia
(115mm x 9.4mm)
Antenna Color
Black
Operating / Storage Temperature
-40
oC to +125oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30157-R1A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30150 WPI-WPANT30150 Datasheet
112Kb / 3P
2.4 GHz Wi-Fi Omni-directional Antenna
WPANT30150-S1A WPI-WPANT30150-S1A Datasheet
112Kb / 3P
2.4 GHz Wi-Fi Omni-directional Antenna
WPANT30155 WPI-WPANT30155 Datasheet
90Kb / 2P
ISM & GPS Body Mount Vandal Proof Antenna
WPANT30155-S1A WPI-WPANT30155-S1A Datasheet
90Kb / 2P
ISM & GPS Body Mount Vandal Proof Antenna
WPANT30156 WPI-WPANT30156 Datasheet
91Kb / 2P
4G / LTE Cellular Blade Stubby Antenna
More results

Similar Description - WPANT30157-R1A

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W1910 PULSE-W1910 Datasheet
642Kb / 4P
Penta Band Stubby Antenna
logo
World Produts Inc.
WPANT30031-RA WPI-WPANT30031-RA Datasheet
89Kb / 2P
3G Dual-band Stubby Antenna
WPANT10011-S1B WPI-WPANT10011-S1B Datasheet
127Kb / 2P
ISM Dual-band Miniature Antenna
WPANT30071-RA WPI-WPANT30071-RA Datasheet
139Kb / 2P
Wi-Fi Dual-band Stubby Antenna
WPANT30094-R1A WPI-WPANT30094-R1A Datasheet
68Kb / 2P
Wi-Fi Dual-band Stubby Antenna
WPANTDP036 WPI-WPANTDP036 Datasheet
864Kb / 8P
WPANTDP036 Antenna is a 915 MHz ISM band Omni Directional Stubby Antenna
WPANT10011 WPI-WPANT10011 Datasheet
120Kb / 2P
ISM Dual-band Miniature Antenna
WPANT30031-RA WPI-WPANT30031-RA_15 Datasheet
83Kb / 2P
3G Dual-band Stubby Antenna
WPANT30147 WPI-WPANT30147 Datasheet
64Kb / 2P
ISM Dual Band Whip / Stubby Antenna
WPANT30148 WPI-WPANT30148 Datasheet
117Kb / 3P
900 MHz ISM Band Whip / Stubby Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com