Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2C1 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HZ2C1
Description  Silicon Epitaxial Planar Zener Diode for Stabilized Power Supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HZ2C1 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HZ2C1 Datasheet HTML 1Page - Renesas Technology Corp HZ2C1 Datasheet HTML 2Page - Renesas Technology Corp HZ2C1 Datasheet HTML 3Page - Renesas Technology Corp HZ2C1 Datasheet HTML 4Page - Renesas Technology Corp HZ2C1 Datasheet HTML 5Page - Renesas Technology Corp HZ2C1 Datasheet HTML 6Page - Renesas Technology Corp HZ2C1 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HZ Series
Rev.3.00, Mar.11.2004, page 2 of 6
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Value
Unit
Power dissipation
Pd
500
mW
Junction temperature
Tj
175
°C
Storage temperature
Tstg
−55 to +175
°C
Electrical Characteristics
(Ta = 25°C)
Zener Voltage
Reverse Current
Dynamic Resistance
VZ (V)*
1
Test
Condition
IR (µA)
Test
Condition
rd (Ω)
Test
Condition
Type
Grade
Min
Max
IZ (mA)
Max
VR (V)
Max
IZ (mA)
A1
1.6
1.8
A2
1.7
1.9
A3
1.8
2.0
5
25
0.5
100
5
B1
1.9
2.1
B2
2.0
2.2
B3
2.1
2.3
C1
2.2
2.4
C2
2.3
2.5
HZ2
C3
2.4
2.6
5
5
0.5
100
5
A1
2.5
2.7
A2
2.6
2.8
A3
2.7
2.9
B1
2.8
3.0
B2
2.9
3.1
B3
3.0
3.2
C1
3.1
3.3
C2
3.2
3.4
HZ3
C3
3.3
3.5
5
5
0.5
100
5
A1
3.4
3.6
A2
3.5
3.7
A3
3.6
3.8
B1
3.7
3.9
B2
3.8
4.0
B3
3.9
4.1
C1
4.0
4.2
C2
4.1
4.3
HZ4
C3
4.2
4.4
5
5
1.0
100
5
A1
4.3
4.5
A2
4.4
4.6
A3
4.5
4.7
B1
4.6
4.8
B2
4.7
4.9
HZ5
B3
4.8
5.0
5
5
1.5
100
5
Note:
1. Tested with DC.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com