Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMB32F Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # TMB32F
Description  GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

TMB32F Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  TMB32F Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd TMB32F Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES TMB32F THRU TMB310F
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
FIG. 1 – FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE,℃
2.0
0
3.0
1.0
0
50
150
100
FIG.4 – TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,VOLTS
1
80
40
0
4
10
100
TJ = 25°C,f = 1
MHz
Level=1V
RATED PEAK REVERSE VOLTAGE, (V)
FIG.5- TYPICAL REVERSE CHARACTERISTICS
140
0.01
0.1
0
20
40
60
80
1000
120
1.0
10
100
TJ=125°
C
TJ=25°
TJ=75°C
NUMBER OF CYCLES AT 60Hz
FIG. 2 – MAXIMUM NON-REPETITIVE SURGE CURRENT
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-
WAVE
1
90
60
30
120
25
10
20
50
100
0
0
1.0
10
0.1
0.2
0.4
0.6
0.8
1.2
1.6
1.4
1.0
1.8
FIG.3-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE
TJ = 25°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com