Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMBF310 Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # TMBF310
Description  S INGLE P HASE 3.0 AMPS. GLASS PASSIVATED B RIDGE R ECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

TMBF310 Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  TMBF310 Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd TMBF310 Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMBF310
S INGLE P HASE 3.0 AMPS. GLASS PASSIVATED B RIDGE R ECTIFIERS
TMBF
-
+
.024(.60)
.008(.20)
.008(.20)
.276(7.0)
.035(.95)
.006(.17)
.299(7.6)
.315(8.0)
.189(4.8)
.205(5.2)
.059(1.50)
.012(.30)
.044(1.15)
.011(.28)
.064(1.4)
.032(0.8)
.244(6.2)
Max
.331(8.4)
.351(8.9)
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYM
BOL
TMBF310
units
Maximum Recurrent Peak Reverse Voltage
VRRM
1000
V
Maximum RMS Voltage
VRMS
700
V
Maximum DC blocking Voltage
VDC
1000
V
Maximum Average Forward rectified Current
IF(AV)
3.0
A
Peak Forward Surge Current 8.3ms single half sine-wave
superimposed on rate load (JEDEC method)
IFSM
95
A
Maximum Instantaneous Forward Voltage at 3.0A DC
VF
1.1
V
Maximum DC Reverse Current
@TA =25°C
at rated DC blocking voltage
@TA =125°C
IR
5.0
100.0
μA
I2t Rating for Fusing (t﹤8.3ms)
I2t
37.45
A2Sec
Typical Junction Capacitance Per Leg (Note1)
CJ
50
pF
Typical Thermal Resistance (Note2)
RJA
85
°C /W
RJC
22
Storage Temperature
TSTG
-55 to +150
°C
Operating Junction Temperature
TJ
-55 to +150
°C
Note:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
2. Thermal Resistance from Junction to Ambient mounted on P.C.B with 0.38×0.38″ (15×15mm) copper pads
FEATURE
.Glass passivated junction.
.Ideal for printed circuit board.
.Reliable low cost construction utilizing molded
plastic technique.
.High surge current capability.
.High temperature soldering guaranteed:
250℃/10 seconds at terminals.
.Small size, simple installation.
MECHANICAL DATA
.Case: Molded plastic
.Epoxy: UL 94V-0 rate flame retardant
.Lead: MIL-STD- 202E, Method 208 guaranteed
.Polarity: As marked
(Halogen free)


Similar Part No. - TMBF310

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
TMBF310 CHONGQING-TMBF310 Datasheet
215Kb / 2P
SINGLE PHASE3.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Nanjing International G...
TMBF310 DGNJDZ-TMBF310 Datasheet
231Kb / 2P
SINGLE PHASE3.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
TMBF310 JUXING-TMBF310 Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - TMBF310

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N5400G TSC-1N5400G Datasheet
230Kb / 2P
3.0 AMPS. Glass Passivated Rectifiers
1N5400G TSC-1N5400G_1 Datasheet
61Kb / 2P
3.0 AMPS. Glass Passivated Rectifiers
FR301G TSC-FR301G Datasheet
65Kb / 2P
3.0 AMPS. Glass Passivated Fast Recovery Rectifiers
GP30A TSC-GP30A Datasheet
65Kb / 2P
3.0 AMPS. Glass Passivated Junction Plastic Rectifiers
1N5400G TSC-1N5400G_10 Datasheet
380Kb / 2P
3.0 AMPS. Glass Passivated Rectifiers
1N5400G TSC-1N5400G_11 Datasheet
191Kb / 2P
3.0 AMPS. Glass Passivated Rectifiers
logo
DIYI Electronic Technol...
UABS2U DYELEC-UABS2U_17 Datasheet
2Mb / 3P
S INGLE PHASE 1.0AMP ULTRA FAST GLASS PASSIVATED BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
ABS1 SAMYANG-ABS1 Datasheet
1Mb / 2P
SILICON B RIDGE R ECTIFIERS
ABS1502 SAMYANG-ABS1502 Datasheet
1Mb / 2P
SILICON B RIDGE R ECTIFIERS
ABS202 SAMYANG-ABS202 Datasheet
1Mb / 2P
SILICON B RIDGE R ECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com