Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL1464IPT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TL1464IPT
Description  QUAD PULSE-WIDTH-MODULATION CONTROL CIRCUIT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1464IPT Datasheet(HTML) 1 Page - Texas Instruments

  TL1464IPT Datasheet HTML 1Page - Texas Instruments TL1464IPT Datasheet HTML 2Page - Texas Instruments TL1464IPT Datasheet HTML 3Page - Texas Instruments TL1464IPT Datasheet HTML 4Page - Texas Instruments TL1464IPT Datasheet HTML 5Page - Texas Instruments TL1464IPT Datasheet HTML 6Page - Texas Instruments TL1464IPT Datasheet HTML 7Page - Texas Instruments TL1464IPT Datasheet HTML 8Page - Texas Instruments TL1464IPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TL1464I
QUAD PULSE-WIDTH-MODULATION CONTROL CIRCUIT
SLVS266 – FEBRUARY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D High-Speed Drive Controller for PNP Power
Transistor
D Internal-Regulator Provides a Stable 1.5 V
Reference Supply
D Low Start-Up Voltage 3.1 V
D Internal Short-Circuit Protection
D Internal Undervoltage Lockout Protection
D Internal Shut-Down Circuit by Channel
D Controllable Base Current of External
Transistor
description
The TL1464I incorporates on a single monolithic chip all the functions required in the construction of a
pulse-width-modulation control circuit. Designed primarily for power supply control, the TL1464I contains an
on-chip 1.5 V regulator, four error amplifiers, an oscillator, two dead-time comparators, undervoltage lockout
circuitry, short circuit protection, standby control circuitry, and output circuits.
The external speed-up capacitors provide exceptional rise and fall time performance for the PNP power
transistor.
The TL1464I operates from 3.1 V supply voltage and 2 pair of four-outputs (CH-1/CH-3, CH-2/CH-4 the same
period) at the inverse phase of each other. As a result, the TL1464I provides high-efficiency power supply.
FUNCTION TABLE
INPUTS
OUTPUT FUNCTIONS
STANDBY
STANDBY-2 TO4
VREF
OUTPUT-1
OUTPUT-2
OUTPUT-3
OUTPUT-4
VI ≤ 0.4 V
VI ≤ 0.4 V, VI ≥ 2.4 V
L
OFF
OFF
OFF
OFF
VI ≥ 24 V
VI ≥ 2.4 V
H
ON
ON
ON
ON
VI ≥ 2.4 V
VI ≥ 0.4 V
H
ON
See Note
See Note
See Note
NOTE: When the STANDBY input is high (
≥ 2.4 V), OUTPUT-2 to 4 are controlled individually. If STANDBY-2 input is low
(
≤ 0.4 V), OUTPUT-2 is turned off. When CH-2 standby mode is released, CH-2 can do the soft-start function.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TL1464IPT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL1464IPT TI2-TL1464IPT Datasheet
245Kb / 12P
QUAD PULSE-WIDTH-MODULATION CONTROL CIRCUIT
FEBRUARY 2000
TL1464IPT.A TI2-TL1464IPT.A Datasheet
245Kb / 12P
QUAD PULSE-WIDTH-MODULATION CONTROL CIRCUIT
FEBRUARY 2000
More results

Similar Description - TL1464IPT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
172Kb / 10P
PULSE WIDTH MODULATION CONTROL CIRCUIT
1996 REV 2
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594 Datasheet
418Kb / 16P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594 Datasheet
281Kb / 8P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
Pulse-Width-Modulation Control Circuit
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com