Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THCV233 Datasheet(PDF) 21 Page - THine Electronics, Inc.

Part # THCV233
Description  V-by-One HS High-speed Video Data Transmitter and Receiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV233 Datasheet(HTML) 21 Page - THine Electronics, Inc.

Back Button THCV233 Datasheet HTML 17Page - THine Electronics, Inc. THCV233 Datasheet HTML 18Page - THine Electronics, Inc. THCV233 Datasheet HTML 19Page - THine Electronics, Inc. THCV233 Datasheet HTML 20Page - THine Electronics, Inc. THCV233 Datasheet HTML 21Page - THine Electronics, Inc. THCV233 Datasheet HTML 22Page - THine Electronics, Inc. THCV233 Datasheet HTML 23Page - THine Electronics, Inc. THCV233 Datasheet HTML 24Page - THine Electronics, Inc. THCV233 Datasheet HTML 25Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
10. Electrical Specifications
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VIH
High Level Input Voltage
I,BPU
2.1
-
VDH
V
VIL
Low Level Input Voltage
I,BPU
0
-
0.7
V
VOH
High Level Output Voltage
O IOH=-8mA
2.4
-
VDH
V
O IOL=8mA
-
-
0.4
V
O,BPU IOL=4mA
-
-
0.4
V
IIH
Input Leak Current High
VIN=VDH
-10
-
+10
uA
IIL
Input Leak Current Low
VIN=GND
-10
-
+10
uA
VOL
Low Level Output Voltage
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VTTH
LVDS Differential Input High Threshold
-
-
-
100
mV
VTTL
LVDS Differential Input Low Threshold
-
-100
-
-
mV
ITIH
LVDS Input Leak Current High
TLx+/-=VDH, PDN=L
x=A~E,CLK
--
±10
uA
ITIL
LVDS Input Leak Current Low
TLx+/-=GND, PDN=L
x=A~E,CLK
--
±10
uA
RTIN
LVDS Differential Input Resistance
PDN=L
80
100
120
Ω
VTOD
CML Differential Mode Output Voltage
-
200
300
400
mV
PRE=L
-
0
-
%
PRE=H
80
100
120
%
PRE=L
mV
PRE=H
mV
ITOH
CML Output Leak Current High
PDN=L
-
-
±10
uA
ITOS
CML Output Short Circuit Current
VDL=1.8V
-90
-
-
mA
PRE
CML Pre-emphasis Level
VTOC
CML Common Mode Output Voltage
VDL-VTOD
VDL-2×VTOD
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VRTH
CML Differential Input High Threshold
-
-
-
50
mV
VRTL
CML Differential Input Low Threshold
-
-50
-
-
mV
IRIH
CML Input Leak Current High
PDN=L, RXnP/N=VDL
n=0,1
--
±10
uA
IRIL
CML Input Leak Current Low
PDN=L, RXnP/N=GND
n=0,1
--
±10
uA
IRRIH
CML Input Current High
RXnP/N=VDL, n=0,1
-
-
2
mA
IRRIL
CML Input Current Low
RXnP/N=GND, n=0,1
-6
-
-
mA
RRIN
CML Differential Input Resistance
-
80
100
120
Ω
LVDS Differential Mode Output Voltage
(Normal Swing)
RL=100Ω, RS=H
250
350
450
mV
LVDS Differential Mode Output Voltage
(Reduced Swing)
RL=100Ω, RS=L
100
200
300
mV
ΔVROD
Change in VROD between
Complementary Output States
RL=100Ω
--
35
mV
VROC
LVDS Common Mode Output Voltage
RL=100Ω
1.125
1.25
1.375
V
ΔVROC
Change in VROC between
Complementary Output States
RL=100Ω
--
35
mV
IROS
LVDS Output Short Circuit Current
RLx+/-=GND
-30
-
-
mA
IROZ
LVDS Output TRI-STATE Current
PDN=L,
RLx+/-=GND, VDH
x=A~E,CLK
--
±10
uA
VROD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com