Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0134CS Datasheet(PDF) 1 Page - ON Semiconductor

Part # AR0134CS
Description  1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0134CS Datasheet(HTML) 1 Page - ON Semiconductor

  AR0134CS Datasheet HTML 1Page - ON Semiconductor AR0134CS Datasheet HTML 2Page - ON Semiconductor AR0134CS Datasheet HTML 3Page - ON Semiconductor AR0134CS Datasheet HTML 4Page - ON Semiconductor AR0134CS Datasheet HTML 5Page - ON Semiconductor AR0134CS Datasheet HTML 6Page - ON Semiconductor AR0134CS Datasheet HTML 7Page - ON Semiconductor AR0134CS Datasheet HTML 8Page - ON Semiconductor AR0134CS Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
© Semiconductor Components Industries, LLC, 2012
March, 2017 − Rev. 9
1
Publication Order Number:
AR0134CS/D
AR0134CS
1/3‐inch 1.2 Mp CMOS
Digital Image Sensor
with Global Shutter
Description
The AR0134CS from ON Semiconductor is a 1/3-inch 1.2 Mp
CMOS digital image sensor with an active-pixel array of 1280 (H)
×
960 (V). It is designed for low light performance and features a global
shutter for accurate capture of moving scenes. It includes sophisticated
camera functions such as auto exposure control, windowing, scaling,
row skip mode, and both video and single frame modes. It is
programmable through a simple two-wire serial interface. The
AR0134CS produces extraordinarily clear, sharp digital pictures, and
its ability to capture both continuous video and single frames makes it
the perfect choice for a wide range of applications, including scanning
and industrial inspection.
Table 1. KEY PERFORMANCE PARAMETERS
Parameter
Typical Value
Optical Format
1/3-inch (6 mm)
Active Pixels
1280 (H)
× 960 (V) = 1.2 Mp
Pixel Size
3.75
mm
Color Filter Array
RGB Bayer or Monochrome
Shutter Type
Global Shutter
Input Clock Range
6–50 MHz
Output Pixel Clock (Maximum)
74.25 MHz
Output
Serial
Parallel
HiSPi
12-bit
Frame Rate
Full Resolution
720p
54 fps
60 fps
Responsivity
Monochrome
Color
6.1 V/lux−sec
5.3 V/lux−sec
SNRMAX
38.6 dB
Dynamic Range
64 dB
Supply Voltage
I/O
Digital
Analog
HiSPi
1.8 or 2.8 V
1.8 V
2.8 V
0.4 V
Power Consumption
< 400 mW
Operating Temperature
–30
°C to + 70°C (Ambient)
–30
°C to + 80°C (Junction)
Package Options
9
× 9 mm 63-pin iBGA
10
× 10 mm 48-pin iLCC
Bare Die
www.onsemi.com
Features
• ON Semiconductor’s 3rd Generation Global
Shutter Technology
• Superior Low-light Performance
• HD Video (720p60)
• Video/Single Frame Mode
• Flexible Row-skip Modes
• On-chip AE and Statistics Engine
• Parallel and Serial Output
• Support for External LED or Flash
• Auto Black Level Calibration
• Context Switching
Applications
• Scene Processing
• Scanning and Machine Vision
• 720p60 Video Applications
See detailed ordering and shipping information on page 2 of
this data sheet.
ORDERING INFORMATION
IBGA63 9
y 9
CASE 503AG
ILCC48 10
y 10
CASE 847AE


Similar Part No. - AR0134CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0134CSSC00SPCA0-DPBR ONSEMI-AR0134CSSC00SPCA0-DPBR Datasheet
1Mb / 41P
Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
AR0134CSSC00SPCA0-DPBR ONSEMI-AR0134CSSC00SPCA0-DPBR Datasheet
1Mb / 38P
1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
AR0134CSSC00SPCA0-DRBR ONSEMI-AR0134CSSC00SPCA0-DRBR Datasheet
1Mb / 41P
Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
AR0134CSSC00SPCA0-DRBR ONSEMI-AR0134CSSC00SPCA0-DRBR Datasheet
1Mb / 38P
1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
AR0134CSSC00SPCA0-TPBR ONSEMI-AR0134CSSC00SPCA0-TPBR Datasheet
1Mb / 41P
Inch 1.2 Mp CMOS Digital Image Sensor with Global Shutter
Rev. G Pub. 6/15 EN
More results

Similar Description - AR0134CS

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AR0134CS ONSEMI-AR0134CS_16 Datasheet
1Mb / 38P
1/3-Inch 1.2 Mp CMOS Digital Image Sensor
Rev. 8, Pub. 1/16 EN
AR0135CS ONSEMI-AR0135CS Datasheet
230Kb / 27P
1/3?릋nch 1.2 Mp CMOS Digital Image Sensor
July, 2016 ??Rev. 4
AR0130CS ONSEMI-AR0130CS Datasheet
389Kb / 39P
1/3?릋nch CMOS Digital Image Sensor
May, 2017 ??Rev. 13
AR0141CS ONSEMI-AR0141CS_17 Datasheet
733Kb / 48P
1/4?릋nch Digital Image Sensor
October, 2017 ??Rev. 7
AR0230CS ONSEMI-AR0230CS_17 Datasheet
181Kb / 24P
1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
August, 2017 ??Rev.11
AR0330CM ONSEMI-AR0330CM Datasheet
501Kb / 53P
1/3?릋nch CMOS Digital Image Sensor
March, 2017 ??Rev. 18
MT9F002 ONSEMI-MT9F002_17 Datasheet
661Kb / 61P
1/2.3?릋nch 14 Mp CMOS Digital Image Sensor
September, 2017 ??Rev. 11
MT9M021 ONSEMI-MT9M021_17 Datasheet
242Kb / 23P
1/3?릋nch CMOS Digital Image Sensor
January, 2017 ??Rev. 10
MT9M131 ONSEMI-MT9M131_17 Datasheet
299Kb / 50P
1/3?릋nch SOC 1.3Mp CMOS Digital Image Sensor
January, 2017 ??Rev. 8
AR1335 ONSEMI-AR1335 Datasheet
354Kb / 2P
CMOS Image Sensor, 13 MP, 1/3
9/1/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com