Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AR0230CSSC00SUEAH3-GEVB Datasheet(PDF) 3 Page - ON Semiconductor

Part # AR0230CSSC00SUEAH3-GEVB
Description  1/2.7?릋nch 2.1 Mp/Full HD Digital Image Sensor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AR0230CSSC00SUEAH3-GEVB Datasheet(HTML) 3 Page - ON Semiconductor

  AR0230CSSC00SUEAH3-GEVB Datasheet HTML 1Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 2Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 3Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 4Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 5Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 6Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 7Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 8Page - ON Semiconductor AR0230CSSC00SUEAH3-GEVB Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
AR0230CS
www.onsemi.com
3
Figure 1. Block Diagram of AR0230CS
ADC Data
Row Noise Correction
Black Level Correction
Test Pattern Generator
Pixel Defect Correction
Adaptive CD Filter
Digital Gain and Pedestal
A−Law Compression
HISPI
Parallel
12
12
ADC Data
12
Row Noise Correction
Black Level Correction
Test Pattern Generator
Pixel Defect Correction
Adaptive CD Filter
Row Noise Correction
Digital Gain and Pedestal
Motion Correction
HDR Linearization
Smoothing Filter
Companding or ALTM
HISPI
Parallel
12
16
16 bits
14 or 12 bits
12 bits
12 bits
10 bits
User interaction with the sensor is through the two−wire
serial bus, which communicates with the array control,
analog signal chain, and digital signal chain. The core of the
sensor is a 2.1 Mp Active− Pixel Sensor array. The timing
and control circuitry sequences through the rows of the
array, resetting and then reading each row in turn. In the time
interval between resetting a row and reading that row, the
pixels in the row integrate incident light. The exposure is
controlled by varying the time interval between reset and
readout. Once a row has been read, the data from the
columns is sequenced through an analog signal chain
(providing offset correction and gain), and then through an
analog−to−digital converter (ADC). The output from the
ADC is a 12−bit value for each pixel in the array. The ADC
output passes through a digital processing signal chain
(which provides further data path corrections and applies
digital gain). The sensor also offers a high dynamic range
mode of operation where multiple images are combined
on−chip to produce a single image at 16−bit per pixel value.
A compression mode is further offered to allow the 16 bits
per pixel to be transmitted to the host system as a 12−bit
value with close to zero loss in image quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com