Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3072EEN/TR Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP3072EEN/TR
Description  15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3072EEN/TR Datasheet(HTML) 3 Page - Sipex Corporation

  SP3072EEN/TR Datasheet HTML 1Page - Sipex Corporation SP3072EEN/TR Datasheet HTML 2Page - Sipex Corporation SP3072EEN/TR Datasheet HTML 3Page - Sipex Corporation SP3072EEN/TR Datasheet HTML 4Page - Sipex Corporation SP3072EEN/TR Datasheet HTML 5Page - Sipex Corporation SP3072EEN/TR Datasheet HTML 6Page - Sipex Corporation SP3072EEN/TR Datasheet HTML 7Page - Sipex Corporation SP3072EEN/TR Datasheet HTML 8Page - Sipex Corporation SP3072EEN/TR Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
Date: 03/28/05
SP3070E - SP3078E Family, ±15kV ESD-Protected, Failsafe RS-485/RS422 Transceivers
© Copyright 2005 Sipex Corporation
These are stress ratings only and functional operation of the device at
these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect reliability.
V
CC.....................................................................................................+6.0V
Input Voltage at control input pins (RE, DE).........................-0.3V to 6V
Driver Input Voltage (RE, DE)...............................................-0.3V to 6V
Driver Output Voltage (A, B, Y, & Z)....................................-8V to +13V
Receiver Input Voltage (A, B)..............................................-8V to +13V
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Unless otherwise noted V
CC = +3.3 ±0.3V, ambient temperature TMIN < TA < TMAX. Typical values are at VCC = 3.3,
ambient temperature T
A = +25ºC. The ♦ denotes the specifications which apply over the full operating range
unless otherwise noted.
Continuous Power Dissipation at Ta = 70oC
8-pin SO (derate 5.88mW/oC above +70oC)................................471mW
8-pin PDIP (derate 9.29mW/oC above +70oC)............................727mW
14-pin SO (derate 8.33mW/oC above +70oC).............. .............667mW
14-pin PDIP (derate 10mW/oC above +70oC).................. ..........800mW
Operating Temperature Ranges
SP307_EMN.................................................................-40ºC to +125ºC
SP307_EEN ...............................................................-40ºC to +85ºC
Junction Temperature............................................................. ..+150ºC
Storage Temperature Range..........................................-65ºC to +150º C
Lead Temperature (soldering, 10s) ........................................... +300º C
R
E
T
E
M
A
R
A
P.
M
Y
S.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
U
♦
♦
♦
♦
♦
S
N
O
I
T
I
D
N
O
C
t
u
p
t
u
O
r
e
v
i
r
D
l
a
i
t
n
e
r
e
f
f
i
DV
D
O
2V
C
C
V
1
e
r
u
g
i
F
,
)
2
2
4
-
S
R
(
Ω
0
0
1
=
L
R
5
.
1V
C
C
1
e
r
u
g
i
F
,
)
5
8
4
-
S
R
(
Ω
4
5
=
L
R
V
C
C
♦
♦
♦
♦
♦
d
a
o
L
o
N
f
o
e
d
u
t
i
n
g
a
M
n
i
e
g
n
a
h
C
e
g
a
t
l
o
V
t
u
p
t
u
O
l
a
i
t
n
e
r
e
f
f
i
D
V
∆
D
O
2
.
0V
♦
♦
♦
♦
♦
1
e
r
u
g
i
F
,
Ω
0
0
1
r
o
4
5
=
L
R
t
u
p
t
u
O
e
d
o
M
n
o
m
m
o
C
r
e
v
i
r
D
e
g
a
t
l
o
V
V
C
O
V
C
C
2
/3
V
♦
♦
♦
♦
♦
1
e
r
u
g
i
F
,
Ω
0
0
1
r
o
4
5
=
L
R
f
o
e
d
u
t
i
n
g
a
M
n
i
e
g
n
a
h
C
t
u
p
t
u
O
e
d
o
M
n
o
m
m
o
C
e
g
a
t
l
o
V
V
∆
C
O
2
.
0
±V
1
e
r
u
g
i
F
,
Ω
0
0
1
r
o
4
5
=
L
R
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV
H
I
2V
♦
♦
♦
♦
♦
E
R
,
I
D
,
E
D
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV
L
I
8
.
0V
E
R
,
I
D
,
E
D
s
i
s
e
r
e
t
s
y
H
t
u
p
n
IV
S
Y
H
0
0
1V
m
♦
♦
♦
♦
♦
E
R
,
I
D
,
E
D
t
n
e
r
r
u
C
t
u
p
n
II
N
I
1
-1
A
µ
♦
♦
♦
♦
♦
E
R
,
I
D
,
E
D
t
s
r
i
F
e
c
n
a
d
e
p
m
I
t
u
p
n
I
)
p
a
w
s
t
o
H
(
n
o
i
t
i
s
n
a
r
T
10
1
Ω
k
♦
♦
♦
♦
♦
E
R
,
E
D
e
r
o
m
w
a
r
d
ll
i
w
n
o
i
t
i
s
n
a
r
t
t
s
r
i
F
)
p
a
w
s
t
o
H
(
t
n
e
r
r
u
c
)
Z
d
n
a
Y
(
e
g
a
k
a
e
L
t
u
p
t
u
O
)
B
d
n
a
A
(
x
e
l
p
u
D
ll
u
F
I
O
5
2
1
+
A
µ
♦
♦
♦
♦
♦
D
N
G
=
E
D
V
C
C
V
6
.
3
r
o
D
N
G
=
V
N
I
V
2
1
+
=
0
0
1
-
♦
♦
♦
♦
♦
V
N
I
V
7
-
=
t
n
e
r
r
u
C
t
i
u
c
r
i
C
-
t
r
o
h
S
r
e
v
i
r
DI
D
S
O
00
5
2
±
A
mV
≤
V
7
-
T
U
O
)
A
4
e
r
u
g
i
F
(
,
V
2
1
≤
0
5
2
-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com