Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP3072EMN Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP3072EMN
Description  15kV ESD-Protected, 3.3V, 1/8 Load, Failsafe RS-485/RS422 Transceivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3072EMN Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP3072EMN Datasheet HTML 9Page - Sipex Corporation SP3072EMN Datasheet HTML 10Page - Sipex Corporation SP3072EMN Datasheet HTML 11Page - Sipex Corporation SP3072EMN Datasheet HTML 12Page - Sipex Corporation SP3072EMN Datasheet HTML 13Page - Sipex Corporation SP3072EMN Datasheet HTML 14Page - Sipex Corporation SP3072EMN Datasheet HTML 15Page - Sipex Corporation SP3072EMN Datasheet HTML 16Page - Sipex Corporation SP3072EMN Datasheet HTML 17Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
Date: 03/28/05
SP3070E - SP3078E Family, ±15kV ESD-Protected, Failsafe RS-485/RS422 Transceivers
© Copyright 2005 Sipex Corporation
PIN DESCRIPTION
X
E
L
P
U
D
L
L
U
F
S
E
C
I
V
E
D
F
L
A
H
X
E
L
P
U
D
S
E
C
I
V
E
D
N
I
P
E
M
A
N
N
O
I
T
C
N
U
F
N
I
P
E
0
7
0
3
P
SE
1
7
0
3
P
SE
2
7
0
3
P
S
E
3
7
0
3
P
SE
4
7
0
3
P
SE
5
7
0
3
P
S
E
6
7
0
3
P
SE
7
7
0
3
P
SE
8
7
0
3
P
S
R
E
B
M
U
N
N
I
P
22
1
O
R
≥
)
B
–
A
(
f
i
d
n
a
w
o
l
s
i
E
R
n
e
h
W
.
t
u
p
t
u
O
r
e
v
i
e
c
e
R
.
w
o
l
s
i
O
R
,
V
m
0
0
2
-
≤
)
B
–
A
(
f
I
.
h
g
i
H
s
i
O
R
,
V
m
0
5
-
3-
2
E
R
.
d
e
l
b
a
n
e
s
i
O
R
,
w
o
l
s
i
E
R
n
e
h
W
.
e
l
b
a
n
E
t
u
p
t
u
O
r
e
v
i
e
c
e
R
e
b
d
l
u
o
h
s
E
R
.
e
c
n
a
d
e
p
m
i
h
g
i
h
s
i
O
R
,
h
g
i
h
s
i
E
R
n
e
h
W
-
t
o
h
a
s
i
E
R
.
e
d
o
m
n
w
o
d
t
u
h
s
r
e
t
n
e
o
t
w
o
l
E
D
d
n
a
h
g
i
h
.
t
u
p
n
i
p
a
w
s
4-
3
E
D
e
r
a
s
t
u
p
t
u
o
,
h
g
i
h
s
i
E
D
n
e
h
W
.
e
l
b
a
n
E
t
u
p
t
u
O
r
e
v
i
r
D
E
D
.
e
c
n
a
d
e
p
m
i
h
g
i
h
e
r
a
s
t
u
p
t
u
o
,
w
o
l
s
i
E
D
n
e
h
W
.
d
e
l
b
a
n
e
s
i
E
D
.
e
d
o
m
n
w
o
d
t
u
h
s
r
e
t
n
e
o
t
h
g
i
h
E
R
d
n
a
w
o
l
e
b
d
l
u
o
h
s
.
t
u
p
n
i
p
a
w
s
-
t
o
h
a
53
4
I
D
s
e
c
r
o
f
I
D
n
o
l
e
v
e
l
w
o
l
a
,
h
g
i
h
E
D
h
t
i
W
.
t
u
p
n
I
r
e
v
i
r
D
,
y
l
r
a
li
m
i
S
.
h
g
i
h
t
u
p
t
u
o
g
n
i
t
r
e
v
n
i
d
n
a
w
o
l
t
u
p
t
u
o
g
n
i
t
r
e
v
n
i
n
o
n
d
n
a
h
g
i
h
t
u
p
t
u
o
g
n
i
t
r
e
v
n
i
n
o
n
s
e
c
r
o
f
I
D
n
o
l
e
v
e
l
h
g
i
h
a
.
w
o
l
t
u
p
t
u
o
g
n
i
t
r
e
v
n
i
7
,
64
5
D
N
Gd
n
u
o
r
G
95
-
Y
t
u
p
t
u
O
r
e
v
i
r
D
g
n
i
t
r
e
v
n
i
n
o
N
0
16
-
Z
t
u
p
t
u
O
r
e
v
i
r
D
g
n
i
t
r
e
v
n
I
1
17
-
B
t
u
p
n
I
r
e
v
i
e
c
e
R
g
n
i
t
r
e
v
n
I
--
7
B
t
u
p
t
u
O
r
e
v
i
r
D
g
n
i
t
r
e
v
n
I
d
n
a
t
u
p
n
I
r
e
v
i
e
c
e
R
g
n
i
t
r
e
v
n
I
2
18
-
A
t
u
p
n
I
r
e
v
i
e
c
e
R
g
n
i
t
r
e
v
n
i
n
o
N
--
6
A
r
e
v
i
r
D
g
n
i
t
r
e
v
n
i
n
o
N
d
n
a
t
u
p
n
I
r
e
v
i
e
c
e
R
g
n
i
t
r
e
v
n
i
n
o
N
t
u
p
t
u
O
4
11
8
V
C
C
y
l
p
p
u
S
e
v
i
t
i
s
o
PV
C
C
s
s
a
p
y
B
.V
C
C
F
u
1
.
0
a
h
t
i
w
D
N
G
o
t
.
r
o
t
i
c
a
p
a
c
3
1
,
8
,
1-
-
C
Nt
c
e
n
n
o
C
o
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com