Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFPS38N60LPBF. Datasheet(PDF) 6 Page - International Rectifier

Part # IRFPS38N60LPBF.
Description  SMPS MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPS38N60LPBF. Datasheet(HTML) 6 Page - International Rectifier

  IRFPS38N60LPBF. Datasheet HTML 1Page - International Rectifier IRFPS38N60LPBF. Datasheet HTML 2Page - International Rectifier IRFPS38N60LPBF. Datasheet HTML 3Page - International Rectifier IRFPS38N60LPBF. Datasheet HTML 4Page - International Rectifier IRFPS38N60LPBF. Datasheet HTML 5Page - International Rectifier IRFPS38N60LPBF. Datasheet HTML 6Page - International Rectifier IRFPS38N60LPBF. Datasheet HTML 7Page - International Rectifier IRFPS38N60LPBF. Datasheet HTML 8Page - International Rectifier IRFPS38N60LPBF. Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRFPS38N60L
6
www.irf.com
Fig 12. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 13. Threshold Voltage vs. Temperature
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
t1 , Rectangular Pulse Duration (sec)
0.0001
0.001
0.01
0.1
1
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty factor D =
t / t
2. Peak T
= P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
-75
-50
-25
0
25
50
75
100 125 150 175
TJ , Temperature ( °C )
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
ID = 250µA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com