Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LYP47F Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LYP47F
Description  Coupling into Light Guides
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LYP47F Datasheet(HTML) 1 Page - OSRAM GmbH

  LYP47F Datasheet HTML 1Page - OSRAM GmbH LYP47F Datasheet HTML 2Page - OSRAM GmbH LYP47F Datasheet HTML 3Page - OSRAM GmbH LYP47F Datasheet HTML 4Page - OSRAM GmbH LYP47F Datasheet HTML 5Page - OSRAM GmbH LYP47F Datasheet HTML 6Page - OSRAM GmbH LYP47F Datasheet HTML 7Page - OSRAM GmbH LYP47F Datasheet HTML 8Page - OSRAM GmbH LYP47F Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
2013-10-11
1
2013-10-11
PointLED
Datasheet
Version 1.3
LY P47F
top mount
reverse mount
With a diameter of just 2 mm, the PointLED is one of
the smallest packages in its class and achieves high
luminous efficacies. Due to its round and flat package,
measuring only 0.775 mm high, it is ideal for
application where space is a sensitive issue.
Mit nur 2 mm Durchmesser gehört die PointLED zu
den kleinsten LED auf dem Markt bei hohen
Effizienzen. Aufgrund ihres runden und flachen
Gehäuses mit nur 0,775 mm Bauhöhe ist sie ideal für
Applikationen mit begrenztem Raum.
Features:
Besondere Merkmale:
• Package: white SMT package, colorless clear
resin
• Gehäusetyp: weißes SMT Gehäuse, farbloser
klarer Verguss
• Technology: InGaAlP Thinfilm
• Technologie: InGaAlP Thinfilm
• Viewing angle at 50 % IV: 120° (Lambertian
Emitter)
• Abstrahlwinkel bei 50 % IV: 120° (Lambertscher
Strahler)
• Color: yellow (590 nm)
• Farbe: gelb (590 nm)
• Corrosion Robustness: Improved corrosion
robustness
• Korrosionsstabilität: Verbesserte
Korrosionsstabilität
Applications
Anwendungen
• Coupling into Light Guides
• Einkopplung in Lichtleiter
• Optical Indicator
• Optischer Indikator
• Backlighting
• Hinterleuchtung
• Automotive Interior Lighting
• Automobilbeleuchtung innen
• Dashboard Backlighting
• Instrumentenbeleuchtung


Similar Part No. - LYP47F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LYP47F OSRAM-LYP47F Datasheet
585Kb / 16P
Enhanced Thinfilm LED
LYP47F-U2AB-36-1 OSRAM-LYP47F-U2AB-36-1 Datasheet
585Kb / 16P
Enhanced Thinfilm LED
More results

Similar Description - LYP47F

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LGP47K OSRAM-LGP47K_15 Datasheet
568Kb / 21P
Coupling into Light Guides
LGT770 OSRAM-LGT770 Datasheet
428Kb / 19P
Coupling into Light Guides
LGY870 OSRAM-LGY870_14 Datasheet
498Kb / 20P
Coupling into Light Guides
LWY8SG OSRAM-LWY8SG_14 Datasheet
556Kb / 22P
Coupling into Light Guides
LSGT77K OSRAM-LSGT77K Datasheet
365Kb / 16P
coupling into light guides
LYT679 OSRAM-LYT679 Datasheet
440Kb / 19P
Coupling into Light Guides
LYP47K OSRAM-LYP47K_13 Datasheet
519Kb / 20P
Coupling into light guides
LSP476 OSRAM-LSP476 Datasheet
599Kb / 21P
Coupling into Light Guides
LCBA6SG OSRAM-LCBA6SG Datasheet
492Kb / 23P
Coupling into light guides
LBA6SG OSRAM-LBA6SG_15 Datasheet
551Kb / 21P
Coupling into light guides
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com