Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1012ACS8 Datasheet(PDF) 12 Page - Linear Technology

Part # LT1012ACS8
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012ACS8 Datasheet(HTML) 12 Page - Linear Technology

Back Button LT1012ACS8 Datasheet HTML 8Page - Linear Technology LT1012ACS8 Datasheet HTML 9Page - Linear Technology LT1012ACS8 Datasheet HTML 10Page - Linear Technology LT1012ACS8 Datasheet HTML 11Page - Linear Technology LT1012ACS8 Datasheet HTML 12Page - Linear Technology LT1012ACS8 Datasheet HTML 13Page - Linear Technology LT1012ACS8 Datasheet HTML 14Page - Linear Technology LT1012ACS8 Datasheet HTML 15Page - Linear Technology LT1012ACS8 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
12
LT1012A/LT1012
sn1012 1012afbs
Test Circuit for Offset Voltage
and its Drift with Temperature
Follower Feedforward Compensation
Pulse Response of Feedforward
Compensation
Ampmeter with Six Decade Range
50pF
0.01
µF
2
3
5
OUT
10k
5k
6
–
+
LT1012
IN
LT1012A • AI03
*RESISTORS MUST HAVE LOW THERMOELECTRIC
POTENTIAL
50k
100
Ω
50k
V0
V0 = 1000V0S
*
*
*
15V
–15V
–
+
2
3
LT1012
7
4
6
LT1012A • AI02
5
µs/DIV
Photoo
–15V
15V
0.1
µF
10k
CURRENT INPUT
Q1, Q2, Q3, Q4, RCA CA3146 TRANSISTOR ARRAY.
CALIBRATION: ADJUST R1 FOR FULL-SCALE
DEFLECTION WITH 1
µA INPUT CURRENT
AMPMETER MEASURES CURRENTS FROM 100pA
TO 100
µA WITHOUT THE USE OF EXPENSIVE
HIGH VALUE RESISTORS. ACCURACY AT 100
µA
IS LIMITED BY THE OFFSET VOLTAGE BETWEEN
Q1 AND Q2 AND, AT 100pA, BY THE INVERTING
BIAS CURRENT OF THE LT1012
2
7
6
33k
4
3
100
µA
10
µA
1
µA
10k
–
+
LT1012
Q2
Q3
Q4
PIN 13
CA3146
RANGE
100
µA
METER
100pA
1nA
10nA
100nA
R1
2k
1.2k
549
Ω
549
Ω
549
Ω
549
Ω
549
Ω
549
Ω
LT1004C
10k
15V
LT1012A • TA03
Q1
APPLICATIO S I FOR ATIO
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com