Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1012ACN8 Datasheet(PDF) 14 Page - Linear Technology

Part # LT1012ACN8
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1012ACN8 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT1012ACN8 Datasheet HTML 10Page - Linear Technology LT1012ACN8 Datasheet HTML 11Page - Linear Technology LT1012ACN8 Datasheet HTML 12Page - Linear Technology LT1012ACN8 Datasheet HTML 13Page - Linear Technology LT1012ACN8 Datasheet HTML 14Page - Linear Technology LT1012ACN8 Datasheet HTML 15Page - Linear Technology LT1012ACN8 Datasheet HTML 16Page - Linear Technology LT1012ACN8 Datasheet HTML 17Page - Linear Technology LT1012ACN8 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
LT1012A/LT1012
sn1012 1012afbs
Instrumentation Amplifier with
±100V Common Mode Range
Low Power Comparator with <10
µV Hysteresis
Buffered Reference for A-to-D Converters
Amplifier for Photodiode Sensor
LM399
2
7
6
4
3
LT1012A • TA08
–
+
LT1012
15V
7k
3k
*THE 1k PRELOAD
MINIMIZES GLITCHES
INDUCED BY TRANSIENT
LOADS
6.5k
1k
1k*
1k
OUT
10V
2N3904
200
2
7
6
1
4
3
LT1012A • TA10
–
+
LT1012
5V
–5V
10k
330k
620k
1k
10k
OUT
2N3904
100k
100k
+IN
–IN
3
VOUT = 10V/µA
R1
5M
1%
R2
5M
1%
2
3
OUT
S1
6
–
+
LT1012
LT1012A • TA07
λ
AV = 100
ALL RESISTORS 1% OR BETTER
10M
10M
2
3
OUT
100M
100M
6
7
4
–
+
LT1012
100
Ω
100k
LT1012A • TA09
–IN
+IN
15V
–15V
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com