Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP7610BS Datasheet(PDF) 5 Page - Exar Corporation

Part # MP7610BS
Description  D/A Converter with Output Amplifier and Serial Data/Address mP Control Logic
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7610BS Datasheet(HTML) 5 Page - Exar Corporation

  MP7610BS Datasheet HTML 1Page - Exar Corporation MP7610BS Datasheet HTML 2Page - Exar Corporation MP7610BS Datasheet HTML 3Page - Exar Corporation MP7610BS Datasheet HTML 4Page - Exar Corporation MP7610BS Datasheet HTML 5Page - Exar Corporation MP7610BS Datasheet HTML 6Page - Exar Corporation MP7610BS Datasheet HTML 7Page - Exar Corporation MP7610BS Datasheet HTML 8Page - Exar Corporation MP7610BS Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MP7610
5
Rev. 4.01
25
°C
Tmin to Tmax
ELECTRICAL CHARACTERISTICS (CONT’D)
Parameter
Symbol
Min
Typ
Max
Min
Max
Units
Test Conditions/Comments
DYNAMIC PERFORMANCE
Voltage Settling from LD
tsd
30
50
50
ms
ZS to FS (20 V Step)
to VDAC Out1
5k, 50pF load
Channel-to-Channel Crosstalk6
CT
0.04
LSB
DC
Digital Feedthrough1, 6
Q
--70
dB
CLK and Data to VOUTi
Power Supply Rejection Ratio
PSRR
5
ppm/%
DVEE & DVCC = ±5%, ppm of FS
REFERENCE INPUTS
Impedance of VREF
REF
350
700
1.05k
350
1.05k
W
See Application Hints for Driving
the reference input
VREF Voltage1, 2
VREF
3.5
6
V
DIGITAL INPUTS3
Logic High
VIH
2.4
V
Logic Low
VIL
0.8
V
Input Current
IL
±10
mA
Input Capacitance1
CL
8
pF
ANALOG OUTPUTS
Output Swing
--VEE +1.4 VCC --1.4
V
Output Drive Current
--5
5
mA
Output Impedance
RO
1
W
Output Short Circuit Current
ISC
25
mA
+FS to AGND
30
mA
+FS to VEE
40
mA
--FS to AGND
55
mA
--FS to VCC
DIGITAL OUTPUTS
Output High Voltage
VOH
4.5
V
Output Low Voltage
VOL
0.5
V
POWER SUPPLIES
VCC Voltage5
VCC VREF+1.5 12 12.75 VREF+1.5 12.75 V
VEE Voltage5
VEE --12.75
--12
--5
--12.75
--5
V
DVDD Voltage
DVDD
4.5
5
5.5
4.5
5.5
V
Positive Supply Current
ICC
8
10
10
mA
Bipolar zero
Negative Supply Current
IEE
15
20
20
mA
Bipolar zero
Digital Supply Current
IDD
2
2
mA
Bipolar zero
Power Dissipation
PDISS
320
420
450
mW
Bipolar zero
ANALOG GROUND CURRENT
Per Channel1
IAGND
±60
mA
See Application Notes
DIGITAL TIMING
SPECIFICATIONS1,4
VIL = 0, VIH = 5.0, CL = 20 pF
Input Clock Pulse Width
tCH, tCL
60
ns
Data Setup Time
tDS
15
ns
Data Hold Time
tDH
15
ns
CLK to SDO Propagation Delay
tPD
40
ns
DAC Register Load Pulse Width
tLD
45
ns
Preset Pulse Width
tPR
65
ns
Clock Edge to Load Time
tCKLD1
140
ns
Note: tLD and tCKLD2 cannot both
tCKLD2
0
be min. since tCKLD1=tCKLD2+tLD
LD Falling Edge to SDO
tHZ1
50
ns
Tri-state Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com