Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE3C4455 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3C4455
Description  RF Cable Assemblies Technical Data Sheet
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4455 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C4455 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4455 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4455 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4455 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4455 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
Connectors
Description
Connector 1
Connector 2
Type
SSMC Plug
SSMC Plug Right Angle
Impedance
50 Ohms
50 Ohms
Mating Cycles
500
500
Contact Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Contact Plating Specification
MIL-G-45204
MIL-G-45204
Dielectric Type
Teflon
Teflon
Body Material and Plating
Beryllium Copper, Gold
Brass, Gold
Body Plating Specification
MIL-G-45204
MIL-G-45204
Coupling Nut Material and Plating
Beryllium Copper, Gold
Beryllium Copper, Gold
Coupling Nut Plating Specification
MIL-G-45205
MIL-G-45204
Torque
1.75 in-lbs [0.2 Nm]
1.75 in-lbs [0.2 Nm]
.
Mechanical Specification Notes:
*All cable assemblies have a length tolerance of 1.5% or ± 3/8”, whichever is greater.
Environmental Specifications
Temperature
Operating Range
-55 to +165 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
PE3C4455 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SSMC Plug to SSMC Plug Right Angle Cable Using RG178 Coax PE3C4455
RF Cable Assemblies Technical Data Sheet
SSMC Plug to SSMC Plug Right Angle Cable Using RG178 Coax
PE3C4455



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com