Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC862D Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC862D
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862D Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC862D Datasheet HTML 5Page - Motorola, Inc MPC862D Datasheet HTML 6Page - Motorola, Inc MPC862D Datasheet HTML 7Page - Motorola, Inc MPC862D Datasheet HTML 8Page - Motorola, Inc MPC862D Datasheet HTML 9Page - Motorola, Inc MPC862D Datasheet HTML 10Page - Motorola, Inc MPC862D Datasheet HTML 11Page - Motorola, Inc MPC862D Datasheet HTML 12Page - Motorola, Inc MPC862D Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 88 page
background image
MOTOROLA
MPC862/857T/857DSL Hardware Specifications
9
Thermal Characteristics
4
Thermal Characteristics
Table 3 shows the thermal characteristics for the MPC862/857T/857DSL.
Table 3. MPC862/857T/857DSL Thermal Resistance Data
Rating
Environment
Symbol
Value
Unit
Junction to ambient 1
1 Junction temperature is a function of on-chip power dissipation, package thermal resistance, mounting site
(board) temperature, ambient temperature, air flow, power dissipation of other components on the board,
and board thermal resistance.
Natural Convection
Single layer board (1s)
RθJA
2
2 Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board horizontal.
37
°C/W
Four layer board (2s2p)
RθJMA
3
3 Per JEDEC JESD51-6 with the board horizontal.
23
Air flow (200 ft/min)
Single layer board (1s)
RθJMA
3
30
Four layer board (2s2p)
RθJMA
3
19
Junction to board 4
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature
is measured on the top surface of the board near the package.
RθJB
13
Junction to case 5
5 Indicates the average thermal resistance between the die and the case top surface as measured by the cold
plate method (MIL SPEC-883 Method 1012.1) with the cold plate temperature used for the case
temperature. For exposed pad packages where the pad would be expected to be soldered, junction to case
thermal resistance is a simulated value from the junction to the exposed pad without contact resistance.
RθJC
6
Junction to package top 6
6 Thermal characterization parameter indicating the temperature difference between package top and the
junction temperature per JEDEC JESD51-2.
Natural Convection
ΨJT
2
Air flow (200 ft/min)
ΨJT
2
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com