Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSK640 Datasheet(PDF) 2 Page - M.S. Kennedy Corporation

Part # MSK640
Description  WIDE BANDWIDTH, HIGH VOLTAGE CRT VIDEO AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSK [M.S. Kennedy Corporation]
Direct Link  http://www.mskennedy.com
Logo MSK - M.S. Kennedy Corporation

MSK640 Datasheet(HTML) 2 Page - M.S. Kennedy Corporation

  MSK640 Datasheet HTML 1Page - M.S. Kennedy Corporation MSK640 Datasheet HTML 2Page - M.S. Kennedy Corporation MSK640 Datasheet HTML 3Page - M.S. Kennedy Corporation MSK640 Datasheet HTML 4Page - M.S. Kennedy Corporation MSK640 Datasheet HTML 5Page - M.S. Kennedy Corporation MSK640 Datasheet HTML 6Page - M.S. Kennedy Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
+75V
10.5°C/W
250mA
1
2
3
4
5
6
Group A
Subgroup
1
2
3
1
2,3
1
2,3
-
-
4
4
4
4
4
-
-
-
4
VIN=N/C
VIN=N/C
VIN=N/C
VIN=0.7V
Derated Performance
f=10KHz
f=10KHz
VIN=2VPP; f=10KHz
VOUT=40VPP
VOUT=40VPP
VOUT=20VPP
VOUT=20VPP
f=1KHz
f=10KHz; 5VPP≤VOUT≤50Vpp
-65°C to +150°C
300°C
-40°C to +85°C
-55°C to +125°C
175°C
ABSOLUTE MAXIMUM RATINGS
TST
TLD
TC
TJ
Storage Temperature Range
Lead Temperature Range
(10 Seconds)
Case Operating Temperature
MSK640
MSK640B
Junction Temperature
Supply Voltage
Thermal Resistance
(Junction to Case)
Peak Output Current
+VCC
θJC
IOUT
RIN=215Ω, CIN=100pF, CLOAD=8.5pF, RL=∞, unless otherwise specified (See Figure 1).
Guaranteed by design but not tested. Typical parameters are representative of actual device performance but are for reference only.
Industrial grade devices shall be tested to subgroups 1 and 4 unless otherwise specified.
Military grade devices ('B' suffix) shall be 100% tested to subgroups 1,2,3 and 4.
Subgroup 5 and 6 testing available upon request.
Subgroup 1,4
TA=TC=+25°C
Subgroup 2,5
TA=TC=+125°C
Subgroup 3,6
TA=TC=-55°C
Typ.
40
55
35
1.55
-
30
-
10
60
58
2
12.5
2.1
2
25
175
-
0.5
Typ.
40
55
35
1.55
-
30
30
10
60
58
2
12.5
2.1
2
25
175
-
0.5
STATIC
Power Supply Current
Input Bias Voltage
Output Offset Voltage
Input Capacitance
Power Supply Range
DYNAMIC CHARACTERISTICS
Output Voltage High
Output Voltage Low
Voltage Gain
Rise Time
Fall Time
Overshoot (Adjustable)
-3dB Bandwidth
Low Frequency Tilt Voltage
Linearity Error
Min.
-
-
-
1.4
1.35
28
26
-
40
55
-
10.5
-
-
-
130
-
-
Max.
45
65
45
1.7
1.8
32
34
-
75
-
5
14.5
2.9
2.9
-
-
1.5
5
Min.
-
-
-
1.3
-
27
-
-
40
55
-
10
-
-
-
125
-
-
Max.
50
-
-
1.8
-
33
-
-
70
-
5
15
3
3
-
-
1.5
5
MSK 640B
MSK 640
Parameter
Test Conditions
ELECTRICAL SPECIFICATIONS
+Vcc=+60V Unless Otherwise Specified
2
2
2
2
1
mA
mA
mA
V
V
V
V
pF
V
V
V
V/V
nS
nS
%
MHz
V
%
Units
NOTES:
Rev. B 8/00
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com