Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE39441-12 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE39441-12
Description  SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FLJ Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39441-12 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE39441-12 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39441-12 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39441-12 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39441-12 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
How to Order
Part Number Configuration:
PE39441-12
- xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE39441-12-12 = 12 inches long cable
PE39441-12-100cm = 100 cm long cable
SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-SR402FLJ Coax, RoHS from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male to SMA Female Bulkhead Semi-Flexible Precision Cable 12 Inch Length Using PE-
SR402FLJ Coax, RoHS PE39441-12
URL: http://www.pasternack.com/sma-male-sma-female-pe-sr402flj-cable-assembly-pe39441-12-p.aspx
PE39441-12 REV 1.1
PE39441-12
SMA Male to SMA Female Bulkhead Semi-Flexible Precision
Cable 12 Inch Length Using PE-SR402FLJ Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com