Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB204KW035F-3JB Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB204KW035F-3JB
Description  Complement to UB2 Pushbuttons
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB204KW035F-3JB Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB204KW035F-3JB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB204KW035F-3JB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB204KW035F-3JB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UB2 Indicators
M28
M
Complement to UB2 Pushbuttons
www.nkkswitches.com
(5.6)
.220
(15.0) Sq
.591
(5.6)
.220
(15.0) Sq
.591
(6.1)
.240
(15.0) Sq
.591
(19.0) Sq
.748
(15.0) Sq
.591
CAP TYPES & COLOR COMBINATIONS
AT3074
Scupltured
Material: Polycarbonate
Finish: Glossy
1
Material: Polycarbonate
Finish: Glossy
Material: Polycarbonate
Finish: Glossy
2
3
AT3075
Beveled
AT3076
Flat
JB
Clear/
White
JD Clear/
Amber
JF
Clear/
Green
JC Clear/
Red
JB
Clear/
White
JD
Clear/
Amber
JF
Clear/
Green
JC Clear/
Red
B
White
D
Amber
F
Green
C
Red
Lens/Diffuser
Colors
Available:
Cap
Colors
Available:
Lens/Diffuser
Colors
Available:
TYPICAL INDICATOR DIMENSIONS
PCB Mount
Snap-in Mount
UB201KW035C-1JC
UB204KW035C-1JC
(1.4)
.055
(4.0)
.157
(3.0)
.118
(15.5)
.610
(0.5) Typ
.020
(2.54) Typ
.100
(5.08)
.200
(1.0)
.039
N.C.
N.O.
COM
L +
L –
(15.24) Sq
.600
(15.0) Sq
.591
(4.0)
.157
(0.5)
.020
(8.5)
.335
(10.0)
.394
(0.5) Typ
.020
(2.54) Typ
.100
N.C.
N.O.
COM
L +
L –
(5.08)
.200
(1.0)
.039
(17.4) Sq
.685
Panel Thickness:
.039 ~ .126” (1.0 ~ 3.2mm)
11
12
13
Cap illumination is alternating Green/Red or Blue/Amber; legend text is black. Contact factory for other Alternating Legends.
Legend illustrations are approximate representations of the actual characters on the filters.
Note: Cap Removal Tool available for PCB Mount. See AT093ABC in Accessories & Hardware section for dimensions and other details.
ON OFF
ON
OFF
START STOP
(6.1)
.240
(15.0) Sq
.591
(5.6)
.220
(15.0) Sq
.591
Clear Lens
Alternating Legend Filter
Clear Lens
Alternating Legend Filter
AT3069J Sculptured Cap
with Alternating Legend
AT3070J Flat Cap with
Alternating Legend
4JCF
Material: Polycarbonate
Finish: Glossy
Alternating Legend Caps for Super Bright Bicolor LED
Standard Alternating Legend Pairs
14
OPEN CLOSE
Green/Red or Blue/Amber
(1.2) Dia Typ
.047
(5.08)
.200
L–
L+
4JDG
Red/Green
Amber/Blue
Green/Red or Blue/Amber
Green/Red or Blue/Amber
5JCF
5JDG
Red/Green
Amber/Blue
Green/Red or Blue/Amber



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com