Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB201KW036CF-3JB Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # UB201KW036CF-3JB
Description  Complement to UB2 Pushbuttons
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

UB201KW036CF-3JB Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  UB201KW036CF-3JB Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. UB201KW036CF-3JB Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. UB201KW036CF-3JB Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UB2 Indicators
M27
M
Complement to UB2 Pushbuttons
www.nkkswitches.com
PCB
Mounting
MOUNTING TYPES, SHAPES, & TERMINALS
01
Square
04
Square with
Built-in Bezel
W03
Silver
PC/Turret
(0.2)
.008
(4.0)
.157
(1.0)
.039
Thk = (0.5)
.020
Panel Thickness: .039 ~ .126” (1.0 ~ 3.2mm)
LED COLORS & SPECIFICATIONS
The electrical specifications shown are determined at a basic temperature of 25°C. Polarity marks are on the bottom of the device.
If the source voltage exceeds the rated voltage, a ballast resistor is required. The resistor value can be calculated by using the
formula in the Supplement section. The LED is an integral part of the indicator and not available separately.
(+)
(-)
(+)
(-)
Bright
Single Color LED
with 1 element
Super Bright
Single Color LED
with 1 element
*Amber color can be achieved by lighting red and green simultaneously on the bicolor LED (not suitable for Alternating Legends).
Super Bright
Bicolor LED
with 2 elements
Bright
Super Bright
Super Bright Bicolor
Red
Amber Green White Green
Blue
Red/Green
Amber/Blue
Unit
Maximum Forward Current
I
FM
30
30
25
20
30
30
30/25
*Amber 25/22
30/30
mA
Typical Forward Current
I
F
20
20
20
15
20
20
20/20
15/15
mA
Forward Voltage
V
F
1.85
2.0
2.1
3.3
3.5
3.6
2.1/3.5
2.0/2.8
V
Maximum Reverse Voltage
V
RM
5
5
5
5
5
5
4/4
4/4
V
Current Reduction Rate Above 25°C ∆I
F
0.40
0.42
0.46
0.25
0.50
0.50
0.40/0.33
0.33/0.33 mA/°C
Ambient Temperature Range
–25° ~ +50
–20° ~ +50
–25° ~ +50
–25° ~ +50
°C
5C
5D
5F
6F
6G
Note for Super Bright:
6B
6CF
ATTENTION
ELECTROSTATIC
SENSITIVE DEVICES
Color
6DG
Part Numbers for Alternating Legends
Color
15mm Square Sculptured Cap
15mm Square Flat Cap
Part Number
Part Number
Red/Green
AT3069JCF11 ~ AT3069JCF14
AT3070JCF11 ~ AT3070JCF14
Amber/Blue
AT3069JDG11 ~ AT3069JDG14
AT3070JDG11 ~ AT3070JDG14
Refer to Ordering Table for Alternating Legend that corresponds with last 2 digits of part number.
Snap-in
Mounting
Terminals
(+) COM
Green or Blue
Red or Amber
(–) L1
(–) L2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com