Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP-2000 Datasheet(PDF) 1 Page - TALEMA Group. LLC

Part # AP-2000
Description  Precise Current Transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TALEMA [TALEMA Group. LLC]
Direct Link  http://www.talema.com
Logo TALEMA - TALEMA Group. LLC

AP-2000 Datasheet(HTML) 1 Page - TALEMA Group. LLC

  AP-2000 Datasheet HTML 1Page - TALEMA Group. LLC AP-2000 Datasheet HTML 2Page - TALEMA Group. LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AP Series
•
Precise Current Transformer
Talema Group
•
Magnetic Components
•
www.talema.com
Electrical Specifications at 20°C
AP-1000
Output Response at Rated Burden
AP-1500
AP-2500
AP-2000
Features
•
Precision CT’s in compact packages
•
Class 0.2 accuracy typical
•
Excellent linearity over rated current range
•
2.5KVrms isolation
•
Operating temperature range -40 to +85°C
•
All materials UL94V-0
•
Manufactured in an ISO 9001:2008, ISO/TS 16949:2009
and ISO 14001:2004 certified Talema facility
•
Fully RoHS & REACH Compliant
.
o
N
t
r
a
Ps
n
r
u
T
n
e
d
r
u
B
s
m
h
O
t
n
e
r
r
u
C
d
e
t
a
R
s
p
m
A
n
i
t
n
e
r
r
u
C
.
x
a
M
s
p
m
A
n
i
e
c
n
a
t
s
i
s
e
R
.
x
a
M
s
m
h
O
n
i
0
0
0
1
-
P
A0
0
0
10
10
10
20
7
0
0
5
1
-
P
A0
0
5
15
10
10
20
2
1
0
0
0
2
-
P
A0
0
0
20
25
15
25
3
2
0
0
5
2
-
P
A0
0
5
20
55
15
20
3
3
0.00
0.05
0.10
0.15
0.20
0.25
0
5
10
15
20
25
Input Current in Amps
Input Current Vs Output Voltage
10 Ohms
0.00
0.05
0.10
0.15
0.20
0.25
0
5
10
15
20
25
Input Current in Amps
Input Current Vs Output Voltage
15 Ohms
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
5
10
15
20
25
30
Input Current in Amps
Input Current Vs Output Voltage
20 Ohms
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0
5
10
15
20
25
30
Input Current in Amps
Input Current Vs Output Voltage
50 Ohms
0.66x0.45
Mechanical Drawing
Dimensions are in mm
Dimensional Tolerance ± 0.25mm unless specified
Pin Pitch Tolerance: ± 0.1mm
4 .0 (0.157)
20.4
(0.803)
12.7
(0.500)
17.0
(0.669)
1
3
TALEMA
AP-xxxx
Ø 5.0
(0.197)
17.20
(0.677)
(0.375)
9.53
1
3
Output
Voltage
(mV)
Burden Ohm
E


Similar Part No. - AP-2000

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
AP-211 CALMIRCO-AP-211 Datasheet
630Kb / 7P
Instantly Available PCI Card Power Management
logo
C&K Components
AP-2C000SC-B-E CK-COMPONENTS-AP-2C000SC-B-E Datasheet
1Mb / 10P
Industrial Pushbutton Switch
2021
AP-2C000SWB-E CK-COMPONENTS-AP-2C000SWB-E Datasheet
1Mb / 10P
Industrial Pushbutton Switch
2021
AP-2C000SZB-E CK-COMPONENTS-AP-2C000SZB-E Datasheet
1Mb / 10P
Industrial Pushbutton Switch
2021
AP-2C000T-C-B-E CK-COMPONENTS-AP-2C000T-C-B-E Datasheet
1Mb / 10P
Industrial Pushbutton Switch
2021
More results

Similar Description - AP-2000

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS25921A TI1-TPS25921A Datasheet
2Mb / 38P
Precise Current Limit and Over Voltage Protection
logo
VACUUMSCHMELZE GmbH & C...
T60403-F4215-X025 VACUUMSCHMELZE-T60403-F4215-X025 Datasheet
31Kb / 2P
Current Transformer
T60404-E4622-X012 VACUUMSCHMELZE-T60404-E4622-X012 Datasheet
125Kb / 2P
Current transformer
T60404-E4625-X501 VACUUMSCHMELZE-T60404-E4625-X501 Datasheet
46Kb / 2P
Current Transformer
T60404-E4625-X101 VACUUMSCHMELZE-T60404-E4625-X101 Datasheet
41Kb / 2P
Current Transformer
T60404-E4627-X101 VACUUMSCHMELZE-T60404-E4627-X101 Datasheet
46Kb / 2P
Current Transformer
T60404-E4626-X501 VACUUMSCHMELZE-T60404-E4626-X501 Datasheet
106Kb / 2P
Current Transformer
T60404-E4626-X151 VACUUMSCHMELZE-T60404-E4626-X151 Datasheet
174Kb / 2P
Current Transformer
T60404-E4626-X131 VACUUMSCHMELZE-T60404-E4626-X131 Datasheet
68Kb / 2P
Current Transformer
T60404-E4626-X121 VACUUMSCHMELZE-T60404-E4626-X121 Datasheet
58Kb / 2P
Current Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com