Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC81713NSZ Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC81713NSZ
Description  Low Input Current Type Photocoupler
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81713NSZ Datasheet(HTML) 2 Page - Sharp Corporation

  PC81713NSZ Datasheet HTML 1Page - Sharp Corporation PC81713NSZ Datasheet HTML 2Page - Sharp Corporation PC81713NSZ Datasheet HTML 3Page - Sharp Corporation PC81713NSZ Datasheet HTML 4Page - Sharp Corporation PC81713NSZ Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PC8171XNSZ Series
s Electro-optical Characteristics
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Forward voltage
Reverse current
Collector current
Isolation resistance
Floating capacitance
Response time
Common mode rejection voltage
Terminal capacitance
Collector dark current
Emitter-collector breakdown voltage
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Rise time
Fall time
VF
IR
Ct
ICEO
BVCEO
BVECO
RISO
Cf
IC
VCE (sat)
tr
tf
CMR
Conditions
IF
=10mA
IF
=0.5mA, VCE=5V
IF
=10mA, IC=1mA
V
=0, f=1kHz
VCE
=50V, IF=0
IC=0.1mA, IF=0
IE=10
µA, IF=0
DC500V 40 to 60%RH
V
=0, f=1MHz
VCE
=2V, IC=2mA, RL=100Ω
Ta
=25°C, RL=470Ω, VCM=1.5kV (peak),
IF
=0mA, VCC=9V, Vnp=100mV
1.4
V
VR
=4V
−
−
−
−
−
−
70
6
0.5
5
×1010
1
×1011
30
1.2
−
−
3.0
250
−
0.6
1.0
−
4
18
−
3
18
100
−
10
−
−
10
V
−
−
−
V
V
−
0.2
−
µA
µs
µs
kV/
µs
mA
pF
pF
nA
Ω
(Ta
=25°C)
*1 Refer to Fig.1.
*1
Fig.2 Forward Current vs. Ambient
Temperature
Fig.1 Test Circuit for Common Mode Rejection Voltage
VCM
Vcp
Vnp
VO
(dV/dt)
1)
RL
Vnp
VCC
VCM
(Vcp Nearly = dV/dt×Cf×RL)
1) Vcp : Voltage which is generated by displacement current in floating
capacitance between primary and secondary side.
VCM : High wave
pulse
RL=470Ω
VCC=9V
Ambient temperature Ta (°C)
0
10
5
−30
0
25
50
75
100
125
Fig.3 Diode Power Dissipation vs. Ambient
Temperature
Ambient temperature Ta (°C)
0
15
10
5
−30
0
25
50
75
100
125



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com