Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESJC50F12 Datasheet(PDF) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

Part # ESJC50F12
Description  High voltage silicon rectifier diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GETEDZ [GETAI ELECTRONICS DEVICE CO., LTD]
Direct Link  http://www.hvgtsemi.com
Logo GETEDZ - GETAI ELECTRONICS DEVICE CO., LTD

ESJC50F12 Datasheet(HTML) 1 Page - GETAI ELECTRONICS DEVICE CO., LTD

  ESJC50F12 Datasheet HTML 1Page - GETAI ELECTRONICS DEVICE CO., LTD ESJC50F12 Datasheet HTML 2Page - GETAI ELECTRONICS DEVICE CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ESJC50F12
450mA 12kV 100nS--High voltage silicon rectifier diodes
GETE ELECTRONIC CO.,LTD
Http://www.getedz.com
Http://www.hvgtsemi.com E-mai: sales@getedz.com
GETAI ELECTRONIC DEVICE CO.,LTD TEL:0086-20-8184 9628
FAX:0086-20-8184 9638
2017 1 / 2
MAXIMUM RATINGS AND CHARACTERISTICS: (Absolute Maximum Ratings)
Items
Symbols
Condition
Data Value Units
Repetitive Peak Renerse Voltage
VRRM
Ta=25°C
12
kV
Average Output Current
IF
Ta=55°C; Resistive Load
450
mA
Suege Current
IFSM
Ta=25°C; 1/2 Sine(60Hz); 8.3mS
30
A
Junction Temperature
TJ
-40~+150
°C
Allowable Operation Case Temperature
Tc
125
°C
Storage Temperature
TSTG
-40~+150
°C
ELECTRICAL CHARACTERISTICS: Ta=25°C (Unless otherwise specified)
Items
Symbols
Condition
Data value Units
Maximum Forward Voltage Drop
VF
at 25°C;IF =IF(AV)
18
V
Maximum Reverse Current
IR1
at 25°C;VR =VRRM
5.0
uA
IR2
at 100°C;VR =VRRM
50
uA
Maximum Reverse Recovery Time
TRR
at 25°C; IF=0.5IR; IR=IFAVM; IRR=0.25IR
100
nS
Junction Capacitance
CJ
at 25°C; VR=0V; f=1MHz
4.3
pF
HVGT high voltage silicon rectifier diodes is
made of high quality glass passivated chip and high
reliability epoxy resin sealing structure, and through
professional testing equipment inspection qualified
after to customers.
SHAPE DISPLAY:
SIZE: (Unit:mm)
HVGT NAME: DO-721
FEATURES:
1. High reliability design.
2. High voltage design.
3. High frequency .
4. Conform to RoHS.
5. Epoxy resin molded in vacuumHave
anticorrosion in the surface.
APPLICATIONS:
1. High voltage multiplier circuit
2. Electrostatic generator circuit .
3. General purpose high voltage rectifier.
4. Other.
MECHANICAL DATA:
1. Case: epoxy resin molding.
2. Terminal: welding axis.
3. Net weight: 2.1 grams (approx).


Similar Part No. - ESJC50F12

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
ESJC50F12 GETEDZ-ESJC50F12 Datasheet
71Kb / 1P
High speed switching
ESJC50F12 GETEDZ-ESJC50F12_16 Datasheet
476Kb / 2P
450mA 12kV 100nS--High voltage silicon rectifier diode
More results

Similar Description - ESJC50F12

ManufacturerPart #DatasheetDescription
logo
Semikron International
BV8 SEMIKRON-BV8 Datasheet
51Kb / 2P
High voltage silicon rectifier diodes
BV8 SEMIKRON-BV8_06 Datasheet
55Kb / 2P
High voltage silicon rectifier diodes
BY4 SEMIKRON-BY4_06 Datasheet
55Kb / 2P
High voltage silicon rectifier diodes
logo
Diotec Semiconductor
BY4 DIOTEC-BY4_11 Datasheet
98Kb / 2P
High Voltage Silicon Rectifier Diodes
SI-E8000 DIOTEC-SI-E8000 Datasheet
191Kb / 2P
High Voltage Silicon Rectifier Diodes
SI-A1125 DIOTEC-SI-A1125_13 Datasheet
136Kb / 2P
High Voltage Silicon Rectifier Diodes
logo
GETAI ELECTRONICS DEVIC...
ESJC50F10 GETEDZ-ESJC50F10_17 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F10 GETEDZ-HV500F10_1 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F12 GETEDZ-HV500F12_1 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
HV500F15 GETEDZ-HV500F15_1 Datasheet
512Kb / 2P
High voltage silicon rectifier diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com