Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE34883LF Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE34883LF
Description  CABLE ASSEMBLY, RG178B/U, MMCX PLUG TO MMCX PLUG RIGHT ANGLE (LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE34883LF Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE34883LF Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MMCX PLUG
RG178B/U
MMCX PLUG RIGHT ANGLE
PE34883LF-XX
CABLE ASSEMBLY, RG178B/U, MMCX PLUG
TO MMCX PLUG RIGHT ANGLE (LEAD FREE)
50 OHM
50 OHM
50 OHM
MMCX
PLUG
MMCX PLUG
RIGHT ANGLE
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
020508
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE


Similar Part No. - PE34883LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34883 PASTERNACK-PE34883 Datasheet
272Kb / 1P
CABLE ASSEMBLY RG178B/U MMCX PLUG TO MMCX PLUG RIGHT ANGLE
More results

Similar Description - PE34883LF

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34599-4 PASTERNACK-PE34599-4 Datasheet
141Kb / 1P
CABLE ASSEMBLY,RG178B/U EASYGRIP MMCX PLUG TO EASYGRIP MMCX PLUG
PE34598LF PASTERNACK-PE34598LF Datasheet
276Kb / 1P
CABLE ASSEMBLY RG178B/U MMCX PLUG TO MMCX PLUG
PE34893LF PASTERNACK-PE34893LF Datasheet
281Kb / 1P
CABLE ASSEMBLY RG196A/U MMCX PLUG TO MMCX PLUG RIGHT ANGLE(LEAD FREE)
PE34883 PASTERNACK-PE34883 Datasheet
272Kb / 1P
CABLE ASSEMBLY RG178B/U MMCX PLUG TO MMCX PLUG RIGHT ANGLE
PE34240LF PASTERNACK-PE34240LF Datasheet
275Kb / 1P
CABLE ASSEMBLY RG316/U MMCX PLUG TO MMCX PLUG(LEAD FREE)
PE39078 PASTERNACK-PE39078 Datasheet
107Kb / 1P
CABLE ASSEMBLY, RG178B/U, UMCX PLUG TO MMCX PLUG RIGHT ANGLE
PE34598 PASTERNACK-PE34598 Datasheet
136Kb / 1P
CABLE ASSEMBLY, RG178B/U, MMCX PLUG TO MMCX PLUG
PE34885LF PASTERNACK-PE34885LF Datasheet
228Kb / 1P
CABLE ASSEMBLY, RG188A/U, MMCX PLUG TO MMCX PLUG (LEAD FREE)
PE35444LF PASTERNACK-PE35444LF Datasheet
222Kb / 1P
CABLE ASSEMBLY, RG178B/U, MMCX PLUG RIGHT ANGLE TO MMCX PLUG RIGHT ANGLE
PE39078-6 PASTERNACK-PE39078-6 Datasheet
107Kb / 1P
CABLE ASSEMBLY, RG178B/U, UMCX PLUG TO MMCX PLUG RIGHT ANGLE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com