Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP30 Datasheet(PDF) 2 Page - STMicroelectronics

Part # SMP30
Description  TELECOM EQUIPMENT PROTECTION: TRISIL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP30 Datasheet(HTML) 2 Page - STMicroelectronics

  SMP30 Datasheet HTML 1Page - STMicroelectronics SMP30 Datasheet HTML 2Page - STMicroelectronics SMP30 Datasheet HTML 3Page - STMicroelectronics SMP30 Datasheet HTML 4Page - STMicroelectronics SMP30 Datasheet HTML 5Page - STMicroelectronics SMP30 Datasheet HTML 6Page - STMicroelectronics SMP30 Datasheet HTML 7Page - STMicroelectronics SMP30 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SMP30-xxx
2/8
Standard
Peak Surge
Voltage
(V)
Voltage
Waveform
(µs)
Required peak
current (A)
Current
Waveform
(µs)
Minimum
serial resistor
to meet
standard (
Ω)
GR-1089 Core
First level
2500
1000
2/10
10/1000
500
100
2/10
10/1000
20
24
GR-1089 Core
Second level
5000
2/10
500
2/10
40
GR-1089 Core
Intra-building
1500
2/10
100
2/10
0
ITU-T-K20 / K21
6000
1500
10/700
150
37.5
5/310
110
0
ITU-T-K20
(IEC61000-4-2)
6000
8000
1/60 ns
ESD contact discharge
ESD air discharge
0
0
VDE0433
4000
2000
10/700
100
50
5/310
60
10
VDE0878
4000
2000
1.2/50
100
50
1/20
18
0
IEC61000-4-5
4000
4000
10/700
1.2/50
100
100
5/310
8/20
60
18
FCC Part 68, lightning
surge type A
1500
800
10/160
10/560
200
100
10/160
10/560
26
15
FCC Part 68, lightning
surge type B
1000
9/720
25
5/320
0
IN COMPLIANCES WITH THE FOLLOWING STANDARDS
Symbol
Parameter
VRM
Stand-off voltage
IRM
Leakage current at VRM
VR
Continuous reverse voltage
VBR
Breakdown voltage
VBO
Breakover voltage
IH
Holding current
IBO
Breakover current
IPP
Peak pulse current
C
Capacitance
ELECTRICAL CHARACTERISTICS
(Tamb = 25°C)
Symbol
Parameter
Value
Unit
Rth (j-a)
Junction to ambient with recommended footprint
120
°C/W
Rth (j-l)
Junction to leads
30
°C/W
THERMAL RESISTANCES



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com