Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP30-240 Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMP30-240
Description  TELECOM EQUIPMENT PROTECTION: TRISIL
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP30-240 Datasheet(HTML) 3 Page - STMicroelectronics

  SMP30-240 Datasheet HTML 1Page - STMicroelectronics SMP30-240 Datasheet HTML 2Page - STMicroelectronics SMP30-240 Datasheet HTML 3Page - STMicroelectronics SMP30-240 Datasheet HTML 4Page - STMicroelectronics SMP30-240 Datasheet HTML 5Page - STMicroelectronics SMP30-240 Datasheet HTML 6Page - STMicroelectronics SMP30-240 Datasheet HTML 7Page - STMicroelectronics SMP30-240 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SMP30-xxx
3/8
Symbol
Parameter
Value
Unit
IPP
Repetitive peak pulse current:
10/1000 µs
8/20 µs
10/560 µs
5/310 µs
10/160 µs
1/20 µs
2/10 µs
30
70
35
40
45
70
100
A
IFS
Fail safe mode: maximum current
8/20 µs
2.5
kA
ITSM
Non repetitive surge peak on-state current
(Sinusoidal)
t = 20ms
t = 16.6ms
t = 0.2s
t=2s
15
17
8.5
4.5
A
I²t
I²t value for fusing
t = 16.6ms
t = 20ms
2.1
2.25
A²s
TL
Maximum lead temperature for soldering during 10 s.
260
°C
Tstg
Tj
Storage temperature range
Maximum junction temperature
-55to+150
150
°C
°C
ABSOLUTE RATINGS (Tamb = 25°C)
tr: rise time (µs)
tp: pulse duration time (µs)
ex: Pulse waveform 10/1000µs
tr = 10µs
tp = 1000µs
Repetitive peak pulse current
100
50
%IPP
t
t
r
p
0
t



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com