Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC2G80DCTR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G80DCTR
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G80DCTR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC2G80DCTR Datasheet HTML 1Page - Texas Instruments SN74LVC2G80DCTR Datasheet HTML 2Page - Texas Instruments SN74LVC2G80DCTR Datasheet HTML 3Page - Texas Instruments SN74LVC2G80DCTR Datasheet HTML 4Page - Texas Instruments SN74LVC2G80DCTR Datasheet HTML 5Page - Texas Instruments SN74LVC2G80DCTR Datasheet HTML 6Page - Texas Instruments SN74LVC2G80DCTR Datasheet HTML 7Page - Texas Instruments SN74LVC2G80DCTR Datasheet HTML 8Page - Texas Instruments SN74LVC2G80DCTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
www.ti.com
C
C
TG
C
C
TG
C
C
C
C
C
CLK
D
Q
C
TG
TG
Absolute Maximum Ratings
(1)
SN74LVC2G80
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SCES309C – DECEMBER 2001 – REVISED JUNE 2005
FUNCTION TABLE
(EACH FLIP-FLOP)
INPUTS
OUTPUT
Q
CLK
D
↑
H
L
↑
L
H
L
X
Q 0
LOGIC DIAGRAM (POSITIVE LOGIC)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
–0.5
6.5
V
VI
Input voltage range(2)
–0.5
6.5
V
VO
Output voltage range(2)(3)
–0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
–50
mA
IOK
Output clamp current
VO < 0
–50
mA
IO
Continuous output current
±50
mA
Continuous current through VCC or GND
±100
mA
DCT package
220
θ
JA
Package thermal impedance(4)
DCU package
227
°C/W
YEP/YZP package
102
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
The value of VCC is provided in the recommended operating conditions table.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com