Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE39448 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE39448
Description  SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39448 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE39448_15 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39448_15 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39448_15 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE39448_15 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
3
How to Order
Part Number Configuration:
PE39448
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE39448-12 = 12 inches long cable
PE39448-100cm = 100 cm long cable
SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS from
Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including
price, inventory and certifications: SMA Male Right Angle to N Female Bulkhead Semi-Flexible Precision Cable Using PE-
SR405FL Coax, RoHS PE39448
URL:
http://www.pasternack.com/sma-male-n-female-pe-sr405fl-cable-assembly-pe39448-p.aspx
PE39448 REV 1.2
PE39448
SMA Male Right Angle to N Female Bulkhead Semi-Flexible
Precision Cable Using PE-SR405FL Coax, RoHS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com