Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1801Z Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # SSD1801Z
Description  LCD Segment / Common Driver with Controller for Character Display System
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1801Z Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button SSD1801Z Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 23Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 24Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 25Page - List of Unclassifed Manufacturers SSD1801Z Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
SSD1801 Series
Rev 1.1
01/2003
SOLOMON
21
VOLTAGE GENERATOR CIRCUIT
Figure 12 – When Built – in Power Supply is used
Figure 13 – When External Power Supply is used
VDD
3x DC-DC Converter
2x DC-DC Converter
Remarks:
(VC,VF = 1,1)
Note: VC, VF = bit X2 and X0 in the command of Power Control Register;
C1 = 2.2
µF - 4.7µF
X2 is the bit of turns on/off of the internal voltage converter and regulator
C2 = 0.1
µF - 1µF
X0 is the bit of turns on/off of the voltage divider
R1 and R2 = 500K-2.5M ohms
R1
AVDD
C1P
C1N
C2P
C2N
VOUT
VF
VL6
VL5
VL4
VL3
VL2
AVSS
+
C2
+
C2
VDD
C1
+
GND
R2
GND
AVDD
C1P
C1N
C2P
VOUT
VF
VL6
VL5
VL4
VL3
VL2
AVSS
+
C2
C2
+
C1
+
GND
R1
R2
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com