Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-DL3P Datasheet(PDF) 21 Page - STMicroelectronics

Part # M95640-DL3P
Description  64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-DL3P Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M95640-DL3P Datasheet HTML 17Page - STMicroelectronics M95640-DL3P Datasheet HTML 18Page - STMicroelectronics M95640-DL3P Datasheet HTML 19Page - STMicroelectronics M95640-DL3P Datasheet HTML 20Page - STMicroelectronics M95640-DL3P Datasheet HTML 21Page - STMicroelectronics M95640-DL3P Datasheet HTML 22Page - STMicroelectronics M95640-DL3P Datasheet HTML 23Page - STMicroelectronics M95640-DL3P Datasheet HTML 24Page - STMicroelectronics M95640-DL3P Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
21/39
M95640, M95320
MAXIMUM RATING
Stressing the device above the rating listed in the
Absolute Maximum Ratings" table may cause per-
manent damage to the device. These are stress
ratings only and operation of the device at these or
any other conditions above those indicated in the
Operating sections of this specification is not im-
plied. Exposure to Absolute Maximum Rating con-
ditions for extended periods may affect device
reliability. Refer also to the STMicroelectronics
SURE Program and other relevant quality docu-
ments.
Table 7. Absolute Maximum Ratings
Note: 1. Compliant with the ECOPACK® 7191395 specifiication for lead-free soldering processes
2. No longer than 10 seconds
3. Not exceeding 250°C for more than 30 seconds, and peaking at 260°C
4. JEDEC Std JESD22-A114A (C1=100 pF, R1=1500
Ω, R2=500 Ω)
Symbol
Parameter
Min.
Max.
Unit
TSTG
Storage Temperature
–65
150
°C
TLEAD
Lead Temperature during Soldering 1
PDIP
SO
TSSOP
260 2
260 3
260 3
°C
VO
Output Voltage
–0.45
VCC+0.6
V
VI
Input Voltage
–0.45
6.5
V
VCC
Supply Voltage
–0.3
6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model) 4
–4000
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com