Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74ACT245F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74ACT245F
Description  OCTAL BUS TRANSCEIVER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74ACT245F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74ACT245F Datasheet HTML 1Page - Toshiba Semiconductor TC74ACT245F Datasheet HTML 2Page - Toshiba Semiconductor TC74ACT245F Datasheet HTML 3Page - Toshiba Semiconductor TC74ACT245F Datasheet HTML 4Page - Toshiba Semiconductor TC74ACT245F Datasheet HTML 5Page - Toshiba Semiconductor TC74ACT245F Datasheet HTML 6Page - Toshiba Semiconductor TC74ACT245F Datasheet HTML 7Page - Toshiba Semiconductor TC74ACT245F Datasheet HTML 8Page - Toshiba Semiconductor TC74ACT245F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TC51WHM516AXBN65,70
2002-08-22
4/11
AC CHARACTERISTICS AND OPERATING CONDITIONS
(Ta
==== −−−−25°C to 85°C, VDD ==== 2.6 to 3.3 V) (See Note 5 to 11)
TC51WHM516AXBN
65
70
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
65
10000
70
10000
ns
tACC
Address Access Time
65
70
ns
tCO
Chip Enable ( CE1 ) Access Time
65
70
ns
tOE
Output Enable Access Time
25
25
ns
tBA
Data Byte Control Access Time
25
25
ns
tCOE
Chip Enable Low to Output Active
10
10
ns
tOEE
Output Enable Low to Output Active
0
0
ns
tBE
Data Byte Control Low to Output Active
0
0
ns
tOD
Chip Enable High to Output High-Z
20
20
ns
tODO
Output Enable High to Output High-Z
20
20
ns
tBD
Data Byte Control High to Output High-Z
20
20
ns
tOH
Output Data Hold Time
10
10
ns
tPM
Page Mode Time
65
10000
70
10000
ns
tPC
Page Mode Cycle Time
30
30
ns
tAA
Page Mode Address Access Time
30
30
ns
tAOH
Page Mode Output Data Hold Time
10
10
ns
tWC
Write Cycle Time
65
10000
70
10000
ns
tWP
Write Pulse Width
50
50
ns
tCW
Chip Enable to End of Write
65
70
ns
tBW
Data Byte Control to End of Write
60
60
ns
tAW
Address Valid to End of Write
60
60
ns
tAS
Address Set-up Time
0
0
ns
tWR
Write Recovery Time
0
0
ns
tODW
WE Low to Output High-Z
20
20
ns
tOEW
WE High to Output Active
0
0
ns
tDS
Data Set-up Time
30
30
ns
tDH
Data Hold Time
0
0
ns
tCS
CE2 Set-up Time
0
0
ns
tCH
CE2 Hold Time
300
300
µs
tDPD
CE2 Pulse Width
10
10
ms
tCHC
CE2 Hold from CE1
0
0
ns
tCHP
CE2 Hold from Power On
30
30
µs
AC TEST CONDITIONS
PARAMETER
CONDITION
Output load
30 pF
+ 1 TTL Gate
Input pulse level
VDD − 0.2 V, 0.2 V
Timing measurements
VDD × 0.5
Reference level
VDD× 0.5
tR, tF
5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com