Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS7530 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS7530
Description  HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7530 Datasheet(HTML) 1 Page - Texas Instruments

  THS7530 Datasheet HTML 1Page - Texas Instruments THS7530 Datasheet HTML 2Page - Texas Instruments THS7530 Datasheet HTML 3Page - Texas Instruments THS7530 Datasheet HTML 4Page - Texas Instruments THS7530 Datasheet HTML 5Page - Texas Instruments THS7530 Datasheet HTML 6Page - Texas Instruments THS7530 Datasheet HTML 7Page - Texas Instruments THS7530 Datasheet HTML 8Page - Texas Instruments THS7530 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
THS7530
SLOS405A - DECEMBER 2002– REVISED APRIL 2003
HIGHSPEED, FULLY DIFFERENTIAL, CONTINUOUSLY
VARIABLE GAIN AMPLIFIER
FEATURES
D Low Noise: Vn = 1.1 nV/ Hz,
Noise Figure = 9 dB
D Low Distortion:
– HD2 = –65 dBc, HD3 = –61 dBc at 32 MHz
– IMD3 = –62 dBc, OIP3 = 21 dBm at 70 MHz
D 300 MHz Bandwidth
D Continuously Variable Gain Range: 11.6 dB to
46.5 dB
D Gain Slope: 38.8 dB/V
D Fully Differential Input and Output
D Output Common-Mode Voltage Control
D Output Voltage Limiting
APPLICATIONS
D Time Gain Amplifiers in Ultra Sound, Sonar,
and Radar
D Automatic Gain Control in Communication
and Video
D System Gain Calibration in Communications
D Variable Gain in Instrumentation
DESCRIPTION
The THS7530 is fabricated using Texas Instruments’
state-of-the-art BiCom III SiGe complementary bipolar
process. The THS7530 is a dc-coupled wide bandwidth
amplifier with voltage-controlled gain. The amplifier has
high impedance differential inputs and low impedance
differential outputs with high bandwidth gain control,
output common mode control, and output voltage
clamping.
Signal channel performance is exceptional with 300-MHz
bandwidth, and third harmonic distortion of –61 dBc at
32 MHz with 1 VPP output into 400 Ω.
Gain control is linear in dB with 0 V to 0.9 V varying the gain
from 11.6 dB to 46.5 dB with 38.8-dB/V gain slope.
Output voltage limiting is provided to limit the output
voltage swing, and prevent saturating following stages.
The device is characterized for operation over the
industrial temperature range: –40
°C to 85°C.
AGC APPLICATION
PD
THS7530
33 pF
AGC detect
1 k
Ω
1 k
Ω
0.1
µF
0.1
µF
6.8
µF
24.9
Ω
24.9
Ω
24.9
Ω
24.9
Ω
33 pF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
VS+ = 5 V
VOUT+
VOUT–
VREF
VOCM
VIN–
VIN+
VCL+
VCL–
VG–
VG+
VS–
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002 – 2003, Texas Instruments Incorporated


Similar Part No. - THS7530

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
Texas Instruments
THS7530-Q1 TI1-THS7530-Q1 Datasheet
1Mb / 30P
THS7530-Q1 High-Speed, Fully Differential, Continuously Variable Gain Amplifier
logo
National Semiconductor ...
THS7530PWP NSC-THS7530PWP Datasheet
899Kb / 24P
HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
THS7530PWPG4 NSC-THS7530PWPG4 Datasheet
899Kb / 24P
HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
THS7530PWPR NSC-THS7530PWPR Datasheet
899Kb / 24P
HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
More results

Similar Description - THS7530

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS652 STMICROELECTRONICS-TS652 Datasheet
74Kb / 9P
DIFFERENTIAL VARIABLE GAIN AMPLIFIER
May-2000
logo
Texas Instruments
PGA870 TI-PGA870 Datasheet
1Mb / 24P
High-Speed, Fully Differential, Programmable-Gain Amplifier
PGA870 TI-PGA870_10 Datasheet
1Mb / 26P
High-Speed, Fully Differential, Programmable-Gain Amplifier
logo
National Semiconductor ...
PGA870 NSC-PGA870 Datasheet
2Mb / 39P
High-Speed, Fully Differential, Programmable-Gain Amplifier
THS7530 NSC-THS7530 Datasheet
899Kb / 24P
HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM-010399 MA-COM-MAAM-010399_15 Datasheet
1Mb / 9P
Differential CATV Variable Gain Amplifier
MAAM-011168 MA-COM-MAAM-011168 Datasheet
1Mb / 16P
Differential CATV Variable Gain Amplifier
MAAM-011186 MA-COM-MAAM-011186 Datasheet
1Mb / 13P
Differential CATV Variable Gain Amplifier
logo
Texas Instruments
LMH2832 TI1-LMH2832 Datasheet
1Mb / 46P
LMH2832 Fully Differential, Dual, 1.1-GHz, Digital Variable-Gain Amplifier
THS7530-Q1 TI1-THS7530-Q1 Datasheet
1Mb / 30P
THS7530-Q1 High-Speed, Fully Differential, Continuously Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com