Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE35220LF-60 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE35220LF-60
Description  CABLE ASSEMBLY, RG178B/U, REVERSE POLARITY SMA MALE TO STANDARD TNC MALE (LEAD FREE)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE35220LF-60 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE35220LF-60 Datasheet HTML 1Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REVERSE POLARITY SMA MALE
RG178B/U
STANDARD TNC MALE
PE35220LF-XX
CABLE ASSEMBLY, RG178B/U, REVERSE
POLARITY SMA MALE TO STANDARD TNC
MALE (LEAD FREE)
50 OHM
50 OHM
50 OHM
REVERSE POLARITY
SMA MALE
STANDARD
TNC MALE
SCALE N/A
DWG TITLE
CAD FILE
147
FSCM NO. 53919
REV. A
DES.
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
020608
SIZE A
3. DIMENSIONS ARE IN INCHES.
4. LENGTH TOLERANCE IS ± 1.5% OR 10mm, WHICHEVER IS GREATER.
Standard Lengths
-12
-24
-36
-48
-60
-XXX
12''
24"
36"
48"
60"
Custom Length in inches
COMPONENTS
IMPEDANCE


Similar Part No. - PE35220LF-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35220 PASTERNACK-PE35220 Datasheet
279Kb / 1P
CABLE ASSEMBLY, RG178B/U, REVERSE POLARITY SMA MALE TO STANDARD TNC MALE
PE35220-12 PASTERNACK-PE35220-12 Datasheet
279Kb / 1P
CABLE ASSEMBLY, RG178B/U, REVERSE POLARITY SMA MALE TO STANDARD TNC MALE
PE35220-24 PASTERNACK-PE35220-24 Datasheet
279Kb / 1P
CABLE ASSEMBLY, RG178B/U, REVERSE POLARITY SMA MALE TO STANDARD TNC MALE
PE35220-36 PASTERNACK-PE35220-36 Datasheet
279Kb / 1P
CABLE ASSEMBLY, RG178B/U, REVERSE POLARITY SMA MALE TO STANDARD TNC MALE
PE35220-48 PASTERNACK-PE35220-48 Datasheet
279Kb / 1P
CABLE ASSEMBLY, RG178B/U, REVERSE POLARITY SMA MALE TO STANDARD TNC MALE
More results

Similar Description - PE35220LF-60

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE34854LF PASTERNACK-PE34854LF Datasheet
231Kb / 1P
CABLE ASSEMBLY RG142B/U REVERSE POLARITY TNC MALE TO STANDARD SMA MALE(LEAD FREE)
PE35222LF PASTERNACK-PE35222LF Datasheet
230Kb / 1P
CABLE ASSEMBLY RG188A/U REVERSE POLARITY SMA MALE TO STANDARD TNC MALE (LEAD FREE)
PE35223LF PASTERNACK-PE35223LF Datasheet
231Kb / 1P
CABLE ASSEMBLY RG178B/U REVERSE POLARITY SMA MALE TO N MALE(LEAD FREE)
PE35208 PASTERNACK-PE35208 Datasheet
280Kb / 1P
CABLE ASSEMBLY, RG178B/U, REVERSE POLARITY SMA MALE TO STANDARD SMA MALE
PE35208LF PASTERNACK-PE35208LF Datasheet
289Kb / 1P
CABLE ASSEMBLY, RG178B/U, REVERSE POLARITY SMA MALE TO STANDARD SMA MALE
PE35218LF PASTERNACK-PE35218LF Datasheet
230Kb / 1P
CABLE ASSEMBLY, RG174A/U, REVERSE POLARITY SMA MALE TO STANDARD TNC MALE (LEAD FREE)
PE35220 PASTERNACK-PE35220 Datasheet
279Kb / 1P
CABLE ASSEMBLY, RG178B/U, REVERSE POLARITY SMA MALE TO STANDARD TNC MALE
PE35241LF PASTERNACK-PE35241LF Datasheet
288Kb / 1P
CABLE ASSEMBLY, RG178B/U, REVERSE POLARITY TNC MALE TO STANDARD N MALE
PE35242 PASTERNACK-PE35242 Datasheet
278Kb / 1P
CABLE ASSEMBLY, RG178B/U, REVERSE POLARITY SMA MALE TO STANDARD SMA MALE
PE35242LF PASTERNACK-PE35242LF Datasheet
288Kb / 1P
CABLE ASSEMBLY, RG178B/U, REVERSE POLARITY SMA MALE TO STANDARD SMA MALE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com