Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSL-LX203CSRT Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSL-LX203CSRT
Description  T-2 CREAMIC STEM LED, 640nm RED LED, RED TRANSPARENT LENS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LX203CSRT Datasheet(HTML) 1 Page - LUMEX INC.

  SSL-LX203CSRT Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2- 0.30 0.012
ANODE
0.75 0.030
2 0.079
ANODE MARK
ELECTRO-OPTICAL CHARACTERISTIC TA=25
℃
ABSOLUTE MAXIMUM RATINGS TA=25
℃
*t<10us
NOTES
1. ANODE MARK IS INDICATED BY A SMALL
MARKING ON THE SIDE OF THE CERAMIC
SURFACE. RED MARK INDICATES ANODE.
2. WHITE CERAMIC BASE STEM.
PALARITY
ANODE
CATHODE
PARAMETER
MAX
UNITS
STEADY CURRENT
25
mA
POWER DISIPATION
62.5
mW
STORAGE TEMPERATURE
-40 to +85
℃
OPERATING TEMPERATURE
-40 to +100
℃
SOLDERING TEMPERATURE
3sec MAX @ 260
℃
PARAMETER
MIN
TYP
MAX
UNITS
TEST COND
PEAK WAVELENGTH
-
640
-
-
If=20mA
FORWARD VOLTAGE
-
2.1
2.5
Vf
If=20mA
REVERSE VOLTAGE
-
-
5
Vf
Ir=10uA
LUMINOUS INTENSITY
-
250
-
mcd
If=20mA
VIEWING ANGLE
-
140
-
2x theta1/2
If=20mA
EMITTED COLOR
RED
EPOXY LENS FINISH
RED TRANSPARENT
SCALE :
mm [INCH]
DATE:
DRAWN BY:
N. GARY AVE.
CAROL STREAM, IL 60188
PHONE:800-278-5666
FAX:630-315-2150
WEB:WWW.LUMEX.COM425
T-2 CREAMIC STEM LED, 640nm RED LED, RED TRANSPARENT LENS
**THE SPECIFICATIONS MAY CHANGE AT ANY TIME WITHOUT NOTICE DUE TO NEW MATERIALS OR PRODUCT IMPROVEMENT.**
CONFIDENTIAL INFORMATION
THE INFORMATION CONTAINED IN THIS DOCUMENT IS THE PROPERTY OF LUMEX INC. EXCEPT AS SPECIFICALLY AUTHORIZED IN WRITING BY LUMEX INC., THE HOLDER OF THIS DOCUMENT SHALL
KEEP ALL INFORMATION CONTAINED HEREIN CONFIDENTIAL AND SHALL PROTECT SAME IN WHOLE OR IN PART FROM DISCLOSURE AND DISSEMINATION TO ALL THIRD PARTIES.
CHKD BY:
APRVD BY:
PAGE:
UNIT:
*UNLESS OTHERWISE SPECIFIED TOLERANCES PER DECIMAL PRECISION ARE: X=±1 (±0.039), X.X=±0.5 (±0.020), X.XX=±0.25 (±0.010), X.XXX=±0.127 (±0.005). LEAD SIZE=±0.05 (±0.002), LEAD LENGTH=±0.75 (±0.030). MIN=
MAX.=
+DECIMAL PRECISION
-0.00
+0.00
-DECIMAL PRECISION
NTF
Pb
PART NUMBER
REV
SSL-LX203CSRT
F
2017.09.12
1 OF 1
E.C.
G.Y.
DATE
ECN NUMBER
REV
A
B
C
D
01.04.96
14.12.96
02.09.01
09.12.17
E.C.N. # 10108
E.C.N. # 10145
E.C.N. # 10BRDR & REDRAWN
ECN-Lumex201700070
E
F
07.26.11
05.13.04
E.C.N. # 10BRDR & REDRAWN
E.C.N. # 11126
R.C.


Similar Part No. - SSL-LX203CSRT

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSL-LX203CSOT LUMEX-SSL-LX203CSOT Datasheet
84Kb / 1P
T-2 Ceramic STEM LED
SSL-LX203CSUGT LUMEX-SSL-LX203CSUGT Datasheet
83Kb / 1P
T-2 Ceramic STEM LED
SSL-LX203CSYT LUMEX-SSL-LX203CSYT Datasheet
273Kb / 1P
T-2 CREAMIC STEM LED, 590nm YELLOW LED, YELLOW TRANSPARENT LENS
More results

Similar Description - SSL-LX203CSRT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSL-LX5093BHD ETC1-SSL-LX5093BHD Datasheet
48Kb / 1P
T-5mm BUNKING 700mm RED LED RED DIFFUSED LENS
SSL-LX3044ID ETC1-SSL-LX3044ID Datasheet
53Kb / 1P
T-3mm (T-1) 635nm RED LED. RED DIFFUSED LENS.
logo
Bud Industries, Inc.
HH-3451-TL BUD-HH-3451-TL Datasheet
14Kb / 1P
TRANSPARENT RED LENS
logo
LUMEX INC.
SSL-LX3044HD LUMEX-SSL-LX3044HD Datasheet
54Kb / 1P
T-3mm 700mm RED LED, RED DIFFUSED LENS
logo
Ningbo Foryard Optoelec...
FYL-5023ET1A FORYARD-FYL-5023ET1A_15 Datasheet
271Kb / 5P
Red transparent led
FYL-5463LURT1C FORYARD-FYL-5463LURT1C Datasheet
267Kb / 5P
Red transparent led
logo
LUMEX INC.
SSL-LX100133ID LUMEX-SSL-LX100133ID Datasheet
343Kb / 1P
T-3 Led, Red Diffused Lens
SL-LX203CSIT LUMEX-SL-LX203CSIT Datasheet
273Kb / 1P
T-2 CREAMIC STEM LED, 635nm RED LED, RED TRANSPARENT LENS
SSL-LX203CSYT LUMEX-SSL-LX203CSYT Datasheet
273Kb / 1P
T-2 CREAMIC STEM LED, 590nm YELLOW LED, YELLOW TRANSPARENT LENS
SSL-LX203CUPGT LUMEX-SSL-LX203CUPGT Datasheet
270Kb / 1P
T-2 CREAMIC STEM LED, 520nm GREEN LED, GREEN TRANSPARENT LENS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com