Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KAI-08050 Datasheet(PDF) 21 Page - ON Semiconductor

Part # KAI-08050
Description  Interline CCD Image Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KAI-08050 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button KAI-08050 Datasheet HTML 17Page - ON Semiconductor KAI-08050 Datasheet HTML 18Page - ON Semiconductor KAI-08050 Datasheet HTML 19Page - ON Semiconductor KAI-08050 Datasheet HTML 20Page - ON Semiconductor KAI-08050 Datasheet HTML 21Page - ON Semiconductor KAI-08050 Datasheet HTML 22Page - ON Semiconductor KAI-08050 Datasheet HTML 23Page - ON Semiconductor KAI-08050 Datasheet HTML 24Page - ON Semiconductor KAI-08050 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
KAI−08050
www.onsemi.com
21
AC Operating Conditions
Table 15. CLOCK LEVELS
Description
Pins1
Symbol
Level
Minimum
Nominal
Maximum
Units
Capacitance2
Vertical CCD Clock,
Phase 1
V1B, V1T
V1_L
Low
−8.2
−8
−7.8
V
43 nF (6)
V1_M
Mid
−0.2
0
0.2
V1_H
High
11.5
12
12.5
Vertical CCD Clock,
Phase 2
V2B, V2T
V2_L
Low
−8.2
−8
−7.8
V
43 nF (6)
V2_H
High
−0.2
0
0.2
Vertical CCD Clock,
Phase 3
V3B, V3T
V3_L
Low
−8.2
−8
−7.8
V
43 nF (6)
V3_H
High
−0.2
0
0.2
Vertical CCD Clock,
Phase 4
V4B, V4T
V4_L
Low
−8.2
−8
−7.8
V
43 nF (6)
V4_H
High
−0.2
0
0.2
Horizontal CCD Clock,
Phase 1 Storage
H1Sa
H1S_L
Low
−5.2 (7)
−4
−3.8
V
280 pF (6)
H1S_A
Amplitude
3.8
4
+5.2 (7)
Horizontal CCD Clock,
Phase 1 Barrier
H1Ba
H1B_L
Low
−5.2 (7)
−4
−3.8
V
190 pF (6)
H1B_A
Amplitude
3.8
4
+5.2 (7)
Horizontal CCD Clock,
Phase 2 Storage
H2Sa
H2S_L
Low
−5.2 (7)
−4
−3.8
V
280 pF (6)
H2S_A
Amplitude
3.8
4
+5.2 (7)
Horizontal CCD Clock,
Phase 2 Barrier
H2Ba
H2B_L
Low
−5.2 (7)
−4
−3.8
V
190 pF (6)
H2B_A
Amplitude
3.8
4
+5.2 (7)
Horizontal CCD Clock,
Last Phase 3
H2SLa
H2SL_L
Low
−5.2
−5
−4.8
V
20 pF (6)
H2SL_A
Amplitude
4.8
5
5.2
Reset Gate
Ra
R_L 4
Low
−3.5
−2
−1.5
V
16 pF (6)
R_H
High
2.5
3
4
Electronic Shutter 5
SUB
VES
High
29
30
40
V
3 nF (6)
1. a denotes a, b, c or d
2. Capacitance is total for all like named pins
3. Use separate clock driver for improved speed performance.
4. Reset low should be set to –3 volts for signal levels greater than 40,000 electrons.
5. Refer to Application Note Using Interline CCD Image Sensors in High Intensity Visible Lighting Conditions
6. Capacitance values are estimated
7. If the minimum horizontal clock low level is used (–5.2 V), then the maximum horizontal clock amplitude should be used (5.2 V amplitude)
to create a –5.2 V to 0.0 V clock. If a 5 volt clock driver is used, the horizontal low level should be set to –5.0 V and the high level should
be a set to 0.0 V.
The figure below shows the DC bias (VSUB) and AC
clock (VES) applied to the SUB pin. Both the DC bias and
AC clock are referenced to ground.
Figure 16.
VSUB
VES
GND
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com