Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UBA2014P Datasheet(PDF) 13 Page - NXP Semiconductors

Part # UBA2014P
Description  600 V driver IC for HF fluorescent lamps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2014P Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button UBA2014P Datasheet HTML 9Page - NXP Semiconductors UBA2014P Datasheet HTML 10Page - NXP Semiconductors UBA2014P Datasheet HTML 11Page - NXP Semiconductors UBA2014P Datasheet HTML 12Page - NXP Semiconductors UBA2014P Datasheet HTML 13Page - NXP Semiconductors UBA2014P Datasheet HTML 14Page - NXP Semiconductors UBA2014P Datasheet HTML 15Page - NXP Semiconductors UBA2014P Datasheet HTML 16Page - NXP Semiconductors UBA2014P Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
2002 May 16
13
Philips Semiconductors
Product specification
600 V driver IC for HF fluorescent lamps
UBA2014
Note
1. The maximum non-overlap is determined by the level of the CF signal. If this signal exceeds a level of 1.25 V the
non-overlap will end, resulting in a maximum non-overlap time of 7.5
µs at a bridge frequency of 40 kHz.
Average current sensor
Ii(CS)
input current
VCS =0V
−−
1
µA
Voffset
offset voltage
VCS+ =VCS− = 0 to 2.5 V
−2
0
+2
mV
gm
transconductance
f = 1 kHz
1900
3800
5700
µA/mV
Io(CSW)
output current
source and sink; VCSW = 2 V 8595105
µA
Timer
Io(CT)
preheat timer output current
VCT = 2.5 V
5.5
5.9
6.3
µA
VOL(CT)
LOW-level preheat timer output
voltage
−
1.4
−
V
VOH(CT)
HIGH-level preheat timer output
voltage
−
3.6
−
V
Vhys(CT)
preheat timer output hysteresis
2.05
2.20
2.35
V
tph
preheat time
CCT = 330 nF and
RIREF =33kΩ
1.6
1.8
2.0
s
tign
ignition time
CCT = 330 nF and
RIREF =33kΩ
−
0.26
−
s
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com