Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ690SP Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNQ690SP
Description  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ690SP Datasheet(HTML) 4 Page - STMicroelectronics

  VNQ690SP Datasheet HTML 1Page - STMicroelectronics VNQ690SP Datasheet HTML 2Page - STMicroelectronics VNQ690SP Datasheet HTML 3Page - STMicroelectronics VNQ690SP Datasheet HTML 4Page - STMicroelectronics VNQ690SP Datasheet HTML 5Page - STMicroelectronics VNQ690SP Datasheet HTML 6Page - STMicroelectronics VNQ690SP Datasheet HTML 7Page - STMicroelectronics VNQ690SP Datasheet HTML 8Page - STMicroelectronics VNQ690SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4/19
VNQ690SP
ELECTRICAL CHARACTERISTICS (continued)
PROTECTIONS (per each channel) (see note 1)
Note 1: To ensure long term reliability under heavy overload or short circuit conditions, protection and related diagnostic signals must be used
together with a proper software strategy. If the device is subjected to abnormal conditions, this software must limit the duration and number
of activation cycles.
LOGIC INPUT (per each channel)
OPENLOAD DETECTION (off state) per each channel
VCC - OUTPUT DIODE
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
TTSD
Shutdown temperature
150
170
200
°C
TR
Reset temperature
135
°C
Thyst
Thermal hysteresis
7
15
25
°C
ILIM
DC Short circuit current
9V<VCC<36V
6V<VCC<36V
10
14
20
20
A
A
Vdemag
Turn-off output voltage
clamp
IOUT=2A; VIN=0V; L=6mH
VCC-41 VCC-48 VCC-55
V
VSTAT
Status low output
voltage
ISTAT=1.6mA
0.5
V
ILSTAT
Status leakage current
Normal operation; VSTAT=5V
10
µA
CSTAT
Status pin input
capacitance
Normal operation; VSTAT=5V
25
pF
VSCL
Status clamp voltage
ISTAT=1mA
ISTAT=-1mA
6
6.8
-0.7
8V
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Input Low Level Voltage
1.25
V
VIH
Input High Level Voltage
3.25
V
VHYST
Input Hysteresis Voltage
0.5
V
IIH
Input high level voltage
VIN=3.25V
10
µA
IIL
Input Current
VIN=1.25V
1
µA
VICL
Input Clamp Voltage
IIN=1mA
IIN=-1mA
6
6.8
-0.7
8V
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
tSDL
Status Delay
See Figure 1 (Openload detection
reading must be performed after
TDOL).
20
µs
VOL
Openload Voltage
Detection Threshold
VIN=0V
1.5
2.5
3.5
V
TDOL
Openload Detection Delay
at Turn Off
VCC=18V (*)
300
µs
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VF
Forward on Voltage
-IOUT=0.9A; Tj=150°C
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com