Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95640-BN3TP Datasheet(PDF) 37 Page - STMicroelectronics

Part # M95640-BN3TP
Description  64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-BN3TP Datasheet(HTML) 37 Page - STMicroelectronics

Back Button M95640-BN3TP Datasheet HTML 31Page - STMicroelectronics M95640-BN3TP Datasheet HTML 32Page - STMicroelectronics M95640-BN3TP Datasheet HTML 33Page - STMicroelectronics M95640-BN3TP Datasheet HTML 34Page - STMicroelectronics M95640-BN3TP Datasheet HTML 35Page - STMicroelectronics M95640-BN3TP Datasheet HTML 36Page - STMicroelectronics M95640-BN3TP Datasheet HTML 37Page - STMicroelectronics M95640-BN3TP Datasheet HTML 38Page - STMicroelectronics M95640-BN3TP Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 39 page
background image
37/39
M95640, M95320
PART NUMBERING
Table 27. Ordering Information Scheme
Note: 1. Devices bearing the process identification letter “B” or “V” in the package marking (on the top side of the package, on the right side),
guarantee more than 1 million Erase/Write cycle endurance (see Table 28, below). For more information about these devices, and
their device identification, please contact your nearest ST sales office, and ask for the Product Change Notice.
For a list of available options (speed, package,
etc.) or for further information on any aspect of this
device, please contact your nearest ST Sales Of-
fice.
Table 28. How to Identify Current and Forthcoming Products by the Process Identification Letter
Note: 1. For further information, please ask your ST Sales Office for Process Change Notice PCN MPG/EE/0053 (PCEE0053) and MPG/
EE/0054 (PCEE0054).
Example:
M95320
–
W MN
6
T
P
Device Type
M95 = SPI serial access EEPROM
Device Function1
640 = 64 Kbit (8192 x 8)
320 = 32 Kbit (4096 x 8)
Operating Voltage
blank = VCC = 4.5 to 5.5V
W = VCC = 2.5 to 5.5V
R = VCC = 1.8 to 5.5V
Package
BN = PDIP8
MN = SO8 (150 mil width)
DW = TSSOP8 (169 mil width)
DL = TSSOP14 (169 mil width)
Temperature Range
6 = –40 to 85 °C
3 = –40 to 125 °C
Option
blank = Standard Packing
T = Tape & Reel Packing
Plating Technology
blank = Standard SnPb plating
P = Pb-free plating
G = Green pack
Markings on Current Products1
Markings on New Products1
95640 6 (or 95640W6)
xxxxS
95640 6 (or 95640W6)
xxxxV
95640 3
xxxxS
95640 3 (or 95640W3)
xxxxB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com