Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RVG-16V331MH10U-R2 Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # RVG-16V331MH10U-R2
Description  VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVG]
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

RVG-16V331MH10U-R2 Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  RVG-16V331MH10U-R2 Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc RVG-16V331MH10U-R2 Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
PrintPDF
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVG]
RVG-16V331MH10U-R2
Features
Item Summary
330uF±20%, 16V, φ10x10mm, SMD
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
500
Products characteristics table
Capacitance
330 uF ± 20 %
Rated Voltage
16 V
tanδ (max)
0.2
Operating Temp. Range
-40 to +85 ℃
Leakage current (min)
52 uA at 2 min
Rated Ripple (max)
221 mArms at 120 Hz / 85 ℃
Impedance ratio
2
___[-25℃/+20℃]
Impedance ratio
4
___[-40℃/+20℃]
Endurance
2000 hr at 85 ℃
___[Test time]
Endurance
Within ±20% of initial value
___[Capacitance change]
Endurance
200% or less of initial specified value
___[tanδchange]
Shape
Vertical Chip
(SMD)
Type
Audio
RoHS2 Compliance
Yes
REACH Compliance
Yes
Soldering
Reflow
LeadForming/Taping
Taping Embossed
External Dimensions
Dimension φD
φ10 ±0.5 mm
Dimension L
10 ±0.5 mm
Dimension P (F)
Typ 4.7 mm
Dimension C (d)
Typ 3.3 mm
2018.01.03
1 / 1


Similar Part No. - RVG-16V331MH10U-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RVG-16V331MH10UN-R2 TAIYO-YUDEN-RVG-16V331MH10UN-R2 Datasheet
251Kb / 2P
FOR AUTOMOTIVE AUDIO VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RVG]
More results

Similar Description - RVG-16V331MH10U-R2

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RVG-10V101MG68U-R2 TAIYO-YUDEN-RVG-10V101MG68U-R2 Datasheet
261Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVG]
RVG-10V330ME55U-R2 TAIYO-YUDEN-RVG-10V330ME55U-R2 Datasheet
261Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVG]
RVG-16V101MG68U-R2 TAIYO-YUDEN-RVG-16V101MG68U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVG]
RVG-16V330MF55U-R2 TAIYO-YUDEN-RVG-16V330MF55U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVG]
RVG-16V470MF55U-R2 TAIYO-YUDEN-RVG-16V470MF55U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVG]
RVG-25V470MG68U-R2 TAIYO-YUDEN-RVG-25V470MG68U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVG]
RVG-25V221MH10U-R2 TAIYO-YUDEN-RVG-25V221MH10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVG]
RVG-6V470ME55U-R2 TAIYO-YUDEN-RVG-6V470ME55U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVG]
RVG-35V101MH10U-R2 TAIYO-YUDEN-RVG-35V101MH10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVG]
RVG-35V470MG10U-R2 TAIYO-YUDEN-RVG-35V470MG10U-R2 Datasheet
251Kb / 2P
VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS FOR AUDIO[RVG]
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com